Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3000 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # M3000
Description  Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

M3000 Datasheet(HTML) 1 Page - Artesyn Technologies

  M3000 Datasheet HTML 1Page - Artesyn Technologies M3000 Datasheet HTML 2Page - Artesyn Technologies M3000 Datasheet HTML 3Page - Artesyn Technologies M3000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTPUT SPECIFICATIONS
Voltage adjustability
Accessible at front panel
±10%
Remote sense
Open/reverse sense lead protection
Compensates for voltage drop
of up to 0.5V to the load
Regulation, line or load
All outputs, NL to FL
±0.2%; 10mV
at nominal line or all
line variations at FL
Overshoot/undershoot
None at turn on/off
Transient response
Main output
≤5.0% max. dev.,
25% step load
≤200µs recovery
change at 1A/µs
to 1.0%
Temperature coefficient
0.02%/°C
Ripple and noise
0Hz to 20MHz
100mV pk-pk or 1.0%
Overvoltage protection
Reset by cycling AC
115% to 130%
of nominal
Overload protection
105% to 115% full load
Short circuit protection
90% of rated load
Auto recovery
Thermal protection
Auto shutdown, AC reset
Current sharing
±5.0%
50% to 100% load
Current monitor (V1)
5VDC at full load
±0.5V
INPUT SPECIFICATIONS
Input voltage range
3 phase
180 to 264VAC
1 phase (optional)
180 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
Meets IEEE std. 587.1980;
3KV ring wave
Input current
208VAC, 3 phase
12A
208VAC, 1 phase
27A
Power factor
3 phase
0.94
1 phase
0.65
Power up time
Full load
1.0s max.
EMC CHARACTERISTICS
Radiated emissions
EN55022/11, FCC part 15
Level A
Conducted emissions
EN55022/11, FCC part 15
Level A
Electrostatic discharge
EN61000-4-2
Level 3
RF field susceptibility
EN61000-4-3
Level 3
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
230VAC, 3KW load
25ms min.
Efficiency
208VAC, 3 phase
83%
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Output/output
500VAC
Switching frequency
100kHz
Approvals and
TÜV EN60950, UL1950,
standards
CSA C22.2 No. 950
Weight
13kg (29Ibs)
Size
5 x 8 x 13.5 inches
127 x 203.2 x 342.9 mm
MTBF
>100,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
0°C to +50°C
Non-operating
-15°C to +85°C
Cooling
50CFM
Internal DC
ball bearing fans
Relative humidity
Non-condensing
0% to 95% RH
Altitude
Operating
6,000 feet max.
Non-operating
55,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak
M3000 and M4000 SERIES
Single output
[ 2 YEAR WARRANTY ]
• Load currents up to 800A
• 3 phase or single phase input
• Shutdown on phase loss
• 3 phase power factor correction
• Single wire current share to 5%
• Ideal for N+1 applications
• Current monitor output included
• UL, CSA and TÜV safety approvals
The M series is a range of single output, high current power supplies ideally suited to a
broad range of applications. Robust performance and field proven reliability are
hallmarks of this series. Field reliability in excess of 100,000 hours has been
documented. The M series will provide stable power for any large electronic system
including telecommunication, data processing and industrial. Typical applications
include broadcast systems, ATM systems and RISC processors and systems.
Semiconductor test equipment, semiconductor and wafer processing equipment and
functional board level testers are other possible applications. Industrial uses include
applications such as laser cutting, water purification, battery charging, machine control,
large scale data logging and optical inspection equipment. Current sharing, built-in
current monitoring, voltage margining and remote adjustment capability are standard
features. Other system interface features include AC and DC good, OVP, OCP, over
temperature protection and remote enable. Worldwide safety certifications are included.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1


Similar Part No. - M3000

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3000 UTC-M3000 Datasheet
179Kb / 6P
PIR INFRARED REMOTE CONTROL CIRCUIT
logo
fujitsu semiconductor
M3000 FUJITSU-M3000 Datasheet
173Kb / 7P
Fujitsu SPARC Enterprise M3000 server
logo
ML Accessories Limited....
M3000 KNIGHTSBRIDGE-M3000 Datasheet
238Kb / 1P
Metal Clad 10AX 2G 2-way Switch
11/04/2024
logo
E-SWITCH
M300000 E-SWITCH-M300000 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - M3000

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
Quad output 350 Watt AC/DC high wattage power supplies with PFC
L2000 ARTESYN-L2000 Datasheet
61Kb / 4P
Single output 2000 Watt AC/DC high current power supplies
N1000 ARTESYN-N1000 Datasheet
65Kb / 4P
Single, dual, triple and quad output 1000 and 1200 Watt AC/DC high wattage power supplies with PFC
N1500 ARTESYN-N1500 Datasheet
63Kb / 4P
Single, and dual output 1500 and 2000 Watt AC/DC high wattage power supplies with PFC
logo
Wall Industries,Inc.
PS1K2 WALL-PS1K2 Datasheet
181Kb / 4P
1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K2U WALL-PS1K2U Datasheet
165Kb / 4P
1200 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5 WALL-PS1K5 Datasheet
186Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS1K5U WALL-PS1K5U Datasheet
165Kb / 4P
1500 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS2K0 WALL-PS2K0 Datasheet
166Kb / 4P
2000 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
PS600 WALL-PS600 Datasheet
157Kb / 4P
600 Watt Single Output PFC and Current Sharing AC/DC Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com