Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-RJE3B-188-0XX2 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # P-RJE3B-188-0XX2
Description  MODULAR JACK, SINGLE PORT, 8P8C, UNSHIELDED, TAB UP, W/ LED, WITH POSITION PEG, CAT 6, RoHS COMPLIANT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

P-RJE3B-188-0XX2 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  P-RJE3B-188-0XX2 Datasheet HTML 1Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 2Page - Amphenol Communications Solutions P-RJE3B-188-0XX2 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AUG16/22
A.GREEN
AUG16/22
L.CHAN
AUG16/22
JAMISON.C
ONE BAG PER REEL
100
33
0
Ø1.5
CTY OF ORIGIN: CN
DATE CODE
LOT#
AMPHENOL P/N: RJE3B1880XX2
DIRECTION OF CONNECTOR
LOADED INTO PICK & PLACE MACHINE
SEAL CARTON
5 REELS
ALUMINIUM FOIL BAGS
CARTON
(335*335*285mm)
44.00
3 DECIMAL PLACES
3
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
INCHES
0.13
3
A
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-RJE3B-188-0XX2
A
INITIAL RELEASE
AUG16/22
K.T
DWG SIZE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
3
DRAWING
03554
FIT
N/A
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.25
THIRD
GENERAL TOLERANCES
SHEET
1
ANGULAR DEGREES
1 DECIMAL PLACE
2 DECIMAL PLACES
MODULAR JACK, SINGLE PORT, 8P8C,
UNSHIELDED, TAB UP, W/ LED, WITH
POSITION PEG, CAT 6, RoHS COMPLIANT
NOTES:
1. FINISHED CONNECTORS (AFTER FINAL INSPECTION) TO BE PACKED INTO CONDUCTIVE
HIPS TAPE AND REEL. ONE REEL SHOULD HOLD 125 CONNECTORS.
2. 13 EMPTY POCKETS SEALED OF TAPE LEADER AND 6 EMPTY POCKETS SEALED OF TAPE TRAILER.
3. A FULLY LOADED CARTON SHOULD CONTAIN 5 REELS (625 PCS) OF CONNECTOR.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com