Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8645SEVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LT8645SEVPBF
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8645SEVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8645SEVPBF Datasheet HTML 9Page - Analog Devices LT8645SEVPBF Datasheet HTML 10Page - Analog Devices LT8645SEVPBF Datasheet HTML 11Page - Analog Devices LT8645SEVPBF Datasheet HTML 12Page - Analog Devices LT8645SEVPBF Datasheet HTML 13Page - Analog Devices LT8645SEVPBF Datasheet HTML 14Page - Analog Devices LT8645SEVPBF Datasheet HTML 15Page - Analog Devices LT8645SEVPBF Datasheet HTML 16Page - Analog Devices LT8645SEVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT8645S/LT8646S
13
Rev. B
For more information www.analog.com
PIN FUNCTIONS
TR/SS (Pin 29): Output Tracking and Soft-Start Pin. This
pin allows user control of output voltage ramp rate during
start-up. For the LT8645S, a TR/SS voltage below 0.97V
forces it to regulate the FB pin to equal the TR/SS pin volt-
age. When TR/SS is above 0.97V, the tracking function is
disabled and the internal reference resumes control of the
error amplifier. For the LT8646S, a TR/SS voltage below
1.6V forces it to regulate the FB pin to a function of the
TR/SS pin voltage. See plot in the Typical Performance
Characteristics section. When TR/SS is above 1.6V, the
tracking function is disabled and the internal reference
resumes control of the error amplifier. An internal 1.9μA
pull-up current from INTVCC on this pin allows a capacitor
to program output voltage slew rate. This pin is pulled to
ground with an internal 200Ω MOSFET during shutdown
and fault conditions; use a series resistor if driving from
a low impedance output. This pin may be left floating if
the tracking function is not needed.
GND (Pin 30 LT8645S Only): Ground. Connect this pin to
system ground and to the ground plane. This pin is also
connected to ground internally, and can be left floating on
PCB to be pin compatible with the LT8646S.
VC (Pin 30, LT8646S Only): The VC pin is the output of
the internal error amplifier. The voltage on this pin controls
the peak switch current. Tie an RC network from this pin
to ground to compensate the control loop.
PG (Pin 31): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±8% of the final regulation voltage, and there are
no fault conditions. PG is pulled low when EN/UV is below
1V, INTVCC has fallen too low, VIN is too low, or thermal
shutdown. PG is valid when VIN is above 3.4V.
FB (Pin 32): The LT8645S/LT8646S regulates the FB pin
to 0.97V. Connect the feedback resistor divider tap to this
pin. Also, connect a phase lead capacitor between FB and
VOUT. Typically, this capacitor is 1pF to 10pF.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB, typically ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com