Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML621 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML621
Description  VoltageCell Type ML621
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML621 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML621 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
3.5
Load:150kohm
Temp.:23
Initial(3.0V charged)
after 20days storage at 60
0
10
20
30
40
50
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.0
2.0
3.0
4.0
5.0
6.0
Charge Capacity
Cell Voltage
Cell Type ML621
Specifications
5.
8mAh
3V
0.015mA
Continuous
*2
0.5mA
Pulse
*3
1.5mA
Discharging Depth of 5%
3000
Discharging Depth of 20%
300
Constant Voltage Charge
3.1±0.15V
Hight Temperature
2.95±0.15V
-20℃~60℃
0.22g
Diameter(D)
6.8mm
Height(H)
2.1mm
Dimensions
Charging Method
Nominal Capacity
*1
Nominal Voltage
Standard Charge/Discharge Current
Weight
Charge/Discharge Cycle Characteristics
Max. Discharge Current
Temperature Range
Typical Characteristics
Duration(hour)
Charge Characteristics of ML621
Duration(hour)
Discharge Characteristics After Storage of ML621
Nominal capacity is determined to an end voltage of 2.0V when the battery is allowed to
discharge at a standard current level at 23oC.
*1
Current value is determined so that 50% of the nominal capacity is obtained with an end
voltage of 2.0V at 23 oC.
*2
Current value for obtaining 2.0V cell voltage when 15sec. pulse is applied at 50%
discharge depth at 23 oC.
*3
D
3.0V
ML621
1kohm
Charge circuit
Temp.:23oC
discharged cell to 2.0V
oC
oC
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
3.5
Discharge Condition
Load: 150kohm
Temp.: 23
Initial (3.0V charged)
after 60days continuous charged 3.0V at 60
Discharge Characteristics after Continuous Charge of ML621
Duration(hour)
oC
oC
0
50
100
150
200
250
300
350
400
1.0
1.5
2.0
2.5
3.0
3.5
Charging Voltage : 3.0V
Load : 150kohm
60
23
-20
Temperature Characteristics of ML621
Duration(hour)
oC
oC
oC


Similar Part No. - ML621

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML621 PANASONICBATTERY-ML621 Datasheet
39Kb / 1P
Manganese Lithium Coin Batteries
logo
Minilogic Device Corpor...
ML62113 MINILOGIC-ML62113 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML62123 MINILOGIC-ML62123 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML62133 MINILOGIC-ML62133 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML62143 MINILOGIC-ML62143 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
More results

Similar Description - ML621

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21204 MITSUBISHI-PS21204 Datasheet
187Kb / 8P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
Powerex Power Semicondu...
PS11012 POWEREX-PS11012 Datasheet
409Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS11017 POWEREX-PS11017 Datasheet
2Mb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12013-A POWEREX-PS12013-A Datasheet
387Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12014-A POWEREX-PS12014-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
PS12018-A POWEREX-PS12018-A Datasheet
393Kb / 6P
FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS21352-N MITSUBISHI-PS21352-N Datasheet
182Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
PS21343-N MITSUBISHI-PS21343-N Datasheet
148Kb / 9P
TRANSFER-MOLD TYPE INSULATED TYPE
logo
Adam Technologies, Inc.
HDMI-PLUG-OM ADAM-TECH-HDMI-PLUG-OM Datasheet
82Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
HDMI-PLUG-OM2-15 ADAM-TECH-HDMI-PLUG-OM2-15 Datasheet
88Kb / 1P
HDMI TYPE PLUG SOLDER TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com