Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB2-16CWCKS1 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # YB2-16CWCKS1
Description  illuminated pushbutton switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

YB2-16CWCKS1 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button YB2-16CWCKS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 12Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 13Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 14Page - List of Unclassifed Manufacturers YB2-16CWCKS1 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
480
0お問い合わせ先0
TEL0044(813)80010 URL0http://www.nkkswitches.co.jp/
00
FAX0044(813)80310 E-Mail0nkkswitches @nkkswitches.co.jp
照光式押ボタン
⃝LEDの制限抵抗計算
LEDの制限抵抗計算
LED回路の制限抵抗「R」の計算は
各LED仕様の順電圧 VF,推奨動作
電流ⅠFを以下の式に代入し,算出
してください。
回路
尚,抵抗Rのワット数は,使用周囲温度など安全率を考慮し,
2~3倍とするようお薦めします。
AT-634
(YB用),AT-627(LB用),YB用LED内蔵部分照光用ボ
タンは抵抗が内蔵されていますので,各定格電圧(DC5V, 12V,
24V)でご使用になれます。
主な電源電圧(DC)とLEDのVF,ⅠF対応表を以下に示します。表内
の数値は,市販抵抗値です。ご使用のLEDのVF,ⅠF 値を照合し参考
にしてください。
R= E − VF
ⅠF(推奨値)
E =電源電圧
VF=順電圧
ⅠF =推奨動作電流
R =制限抵抗
○市販抵抗値(精度±5%)とワット数です。
VF
E
主な電源電圧と抵抗値表
周囲温度 Ta=25℃の時
ⅠF
5V
6V
9V
12V
14V
16V
18V
22V
24V
28V
V
mA
Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W Ω
W
1.65
25
130 1/4 180 1/2 300 1/2 430
1 510
1 560
1 680
2 820
2 910
2 1.1k
2
1.7
30
110 1/2 150 1/2 240
1 360
1 430
1 470
2 560
2 680
2 750
2 910
3
1.75
40
82 1/2 110 1/2 180
1 270
1 300
2 360
2 430
2 510
3 560
3 680
3
1.8
48
68 1/2 91 1/2 150
1 220
2 270
2 300
2 330
2 430
3 470
3 560
3
1.85
20
160 1/4 220 1/4 360 1/2 510 1/2 620
1 750
1 820
1 1k
1 1.1k
2 1.3k
2
1.9
5
620 1/8 820 1/8 1.5k 1/8 2k 1/8 2.4k 1/4 3k 1/4 3.3k 1/4 3.9k 1/4 4.3k 1/2 5.1k 1/2
8
390 1/8 510 1/8 910 1/4 1.2k 1/4 1.5k 1/2 1.8k 1/2 2k
1 2.4k 1/2 2.7k 1/2 3.3k
1
15
220 1/8 270 1/4 470 1/2 680 1/2 820 1/2 910
1 1.1k
1 1.3k
1 1.5k
1 1.8k
2
16
200 1/4 270 1/4 470 1/2 620 1/2 750 1/2 910
1 1k
1 1.3k
1 1.5k
1 1.6k
2
30
100 1/4 130 1/2 240 1/2 330
1 430
1 470
2 560
2 680
2 750
2 910
2
1.95
15
200 1/4 270 1/4 470 1/2 680 1/2 820 1/2 910
1 1.1k
1 1.3k
1 1.5k
1 1.8k
1
16
200 1/4 220 1/4 430 1/2 620 1/2 750
1 910
1 1k
1 1.2k
1 1.3k
1 1.6k
2
20
150 1/4 200 1/4 360 1/2 510
1 620
1 750
1 820
1 1k
2 1.1k
2 1.3k
2
30
100 1/4 130 1/2 240 1/2 330
1 390
1 470
2 560
2 680
2 750
2 910
2
1.96
24
130 1/4 160 1/2 300
1 430
1 510
1 560
1 680
2 820
2 910
2 1k
2
2.0
15
200 1/8 270 1/4 470 1/4 680 1/2 820 1/2 910 1/2 1.1k
1 1.3k
1 1.5k
1 1.8k
1
20
150 1/4 200 1/4 360 1/2 510
1 620
1 750
1 820
1 1k
2 1.1k
2 1.3k
2
24
120 1/4 160 1/2 300 1/2 430
1 510
1 560
1 680
2 820
2 910
2 1.1k
2
25
120 1/4 160 1/2 270 1/2 390
1 510
1 560
1 680
2 820
2 910
2 1.1k
2
40
75 1/2 100 1/2 180
1 270
1 300
2 360
2 390
2 510
2 560
3 680
3
45
68 1/2 91 1/2 160
1 220
2 270
2 330
2 360
2 470
3 510
3 560
3
48
62 1/2 82 1/2 150
1 210
2 270
2 300
2 330
2 430
3 470
3 560
3
2.01
24
120 1/4 160 1/2 300
1 430
1 510
1 560
1 680
2 820
2 910
2 1k
2
2.07
16
180 1/4 240 1/4 430 1/2 620 1/2 750
1 910
1 1k
1 1.2k
1 1.3k
1 1.6k
2
2.1
15
200 1/8 270 1/4 470 1/4 680 1/2 820 1/2 910 1/2 1.1k
1 1.3k
1 1.5k
1 1.8k
1
20
150 1/4 200 1/4 360 1/2 510
1 620
1 750
1 820
1 1k
2 1.1k
2 1.3k
2
24
120 1/4 160 1/4 300 1/2 430
1 510
1 560
1 680
1 820
2 910
2 1.1k
2
25
120 1/4 160 1/2 270 1/2 390
1 470
1 560
1 620
2 820
2 910
2 1.1k
2
30
100 1/4 130 1/2 240
1 330
1 390
1 470
2 510
2 680
2 750
2 910
2
45
68 1/2 91 1/2 150
1 220
2 270
2 300
2 360
2 430
3 510
3 560
3
E
R
IF
VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com