Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFN25 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NFN25
Description  Dual and triple output 25 Watt AC/DC universal input switch mode power supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFN25 Datasheet(HTML) 1 Page - Artesyn Technologies

  NFN25 Datasheet HTML 1Page - Artesyn Technologies NFN25 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Output power
Continuous
25W
Peak (60s)
35W
Line regulation
Main output (Output 1)
±0.2%, max.
LL to HL, FL
Output 2
±1%, max.
Output 3
±0.2%, max.
Total regulation
Main output (Output 1)
±2.0%, max.
(See Note 4)
Auxilliary output
see table
Auxilliary output
see table
Overshoot/undershoot
At turn-on
0%
Transient response
+5V
±120mV max. dev.
(1.5 to 3A step)
500µs recovery
Temperature coefficient All outputs
±0.02%/°C, max.
Overvoltage protection
+5V output
6.25V ±0.75V
Output power limit
Primary power
60W Pin limit, max.
limited
35W Pin limit, min.
Short circuit protection
Continuous
INPUT SPECIFICATIONS
Input voltage range
85 to 264VAC
120 to 370VDC
Input frequency range
47 to 440Hz
Input surge current
110VAC, cold start
15A max.
230VAC, cold start
32A max.
Safety ground
132VAC, 60Hz
155µA, max.
leakage current
264VAC, 50Hz
261µA, max.
NFN25 SERIES
Dual and triple output
[ 2 YEAR WARRANTY ]
• 85VAC to 264VAC universal input range
• 120VDC to 370VDC input voltage range
• Fixed frequency operation
• Overvoltage protection (+5V output)
• Meets EN55022 limit B and FCC part 15 limit B line
conducted noise
• VDE, UL and CSA approved
The NFN25 Series of universal input, 25 Watt switching power supplies are
mechanically equivalent to the industry standard NFS40, but are optimised for
operation at lower output power levels.
The NFN25 Series uses an advanced,
fixed frequency design which further reduces the line-conducted noise below
EN55022 and FCC limit B and specifies a much lower leakage current. The
supplies deliver 25W continuous, 35W peak and regulate to zero load. NFN25
Series power supplies are particularly suitable for telecoms applications such as
modems, PABX’s and networking systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS CON’T
Conducted emissions
EN55022, level B
Radiated emissions
EN55022, level B
ESD air
EN61000-4-2, level 3
Perf. criteria 1
ESD contact
EN61000-4-2, level 4
Perf. criteria 1
Surge
EN61000-4-5, level 3
Perf. criteria 1
Fast transients
EN61000-4-4, level 3
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 2
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Hold-up time
110VAC input
16ms
230VAC input
80ms
Efficiency
25W output
70% typical
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
Fixed, 45kHz ±5kHz
Approvals and
IEC950, IEC1010, EN60950
standards
UL1950, VDE0805, BABT
CSA C22.2 No. 950
Weight
280g (9.6oz)
MTBF
MIL-HDBK-217E, 25°C 170,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
0°C to 50°C ambient,
25W max.
convection cooled
50°C to +70°C ambient
Derate to
convection cooled
50% load
Peak (0°C to +50°C,
35W
max. 60 seconds)
Non-operating
–40°C to +85°C
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
Random vibration
2.4G rms approx.
Three orthogonal axes
5Hz to 500Hz
10 min. test per axis
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at
time of publication. However, Artesyn Technologies accepts no responsibility for consequences
arising from printing errors or inaccuracies. Specifications are subject to change without notice.
No rights under any patent accompany the sale of any such product(s) or information contained
herein.


Similar Part No. - NFN25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFN40 ETC-NFN40 Datasheet
49Kb / 3P
Single and triple output
NFN40-7605 ETC-NFN40-7605 Datasheet
49Kb / 3P
Single and triple output
NFN40-7607 ETC-NFN40-7607 Datasheet
49Kb / 3P
Single and triple output
NFN40-7608 ETC-NFN40-7608 Datasheet
49Kb / 3P
Single and triple output
NFN40-7610 ETC-NFN40-7610 Datasheet
49Kb / 3P
Single and triple output
More results

Similar Description - NFN25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NAN40 ARTESYN-NAN40 Datasheet
68Kb / 2P
Dual and triple output 40 Watt AC/DC universal input switch mode power supplies
NAN55 ARTESYN-NAN55 Datasheet
93Kb / 2P
Single, dual and triple output 45 to 55 Watt AC/DC universal input switch mode power supplies
NFS42 ARTESYN-NFS42 Datasheet
54Kb / 2P
Triple output 40 to 50 Watt AC/DC universal input switch mode power supplies
NFS50 ARTESYN-NFS50 Datasheet
84Kb / 2P
Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS50-7608 ARTESYN-NFS50-7608 Datasheet
59Kb / 2P
Triple output 50 to 60 Watt AC/DC universal input switch mode power supplies
NFS200 ARTESYN-NFS200 Datasheet
242Kb / 4P
Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
NFS350 ARTESYN-NFS350 Datasheet
238Kb / 4P
Triple and quad output 350 Watt AC/DC universal input switch mode power supplies
SCL25 ARTESYN-SCL25 Datasheet
120Kb / 2P
Single and dual output 25 Watt AC/DC external power supplies
logo
Emerson Network Power
NLP25 EMERSON-NETWORKPOWER-NLP25 Datasheet
88Kb / 3P
20-25 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com