Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMF03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # AMF03
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMF03 Datasheet(HTML) 3 Page - Vishay Siliconix

  AMF03 Datasheet HTML 1Page - Vishay Siliconix AMF03 Datasheet HTML 2Page - Vishay Siliconix AMF03 Datasheet HTML 3Page - Vishay Siliconix AMF03 Datasheet HTML 4Page - Vishay Siliconix AMF03 Datasheet HTML 5Page - Vishay Siliconix AMF03 Datasheet HTML 6Page - Vishay Siliconix AMF03 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMW, AMF
Vishay Phoenix
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
www.vishay.com
For technical questions, contact: ww2aresistors@vishay.com
Document Number: 30249
3
Revision: 14-Feb-08
End-of-Life Vishay Phoenix Product
MARKING
The resistor is marked with the resistor type, the rated power,
the nominal resistance value (R for values
Ω and K for values
k
Ω), the tolerance and the production date (week and year)
in red on the resistor body.
Example: AMW07 - 5.1 k
Ω - 5 % - year 2002 - week 12
Example:
Last Digit of Ordering Code
The resistors have 12 digit ordering code starting with 2306.
The next 5 digits indicate the resistor type and packaging,
see table ORDERING INFORMATION.
The last 3 digits indicate the resistance value:
- The first 2 digits of these last 3 indicate the actual
resistance value
- The last digit indicates the resistance decade in
accordance with table “Last Digit of Ordering Code”
Example:
AMW05, 47
Ω, ± 5 %, flat case, box of 250 pieces is
230635113479
PHX
AMW07
212
5K1
5 %
7 W
ORDERING INFORMATION
PRODUCT
TOLERANCE
ORDERING
CODE
VERSION
LEAD Ø
in millimeters
(inches)
PACKAGING
QUANTITY
(pieces)
AMW03
± 5 %
2306 350 13xxx
FLAT
0.80
(0.031)
BOX
250
2306 350 23xxx
STAND-OFF
AMF03
2306 356 13xxx
FLAT
2306 356 23xxx
STAND-OFF
AMW05
2306 351 13xxx
FLAT
2306 351 23xxx
STAND-OFF
AMF05
2306 357 13xxx
FLAT
2306 357 23xxx
STAND-OFF
AMW07
2306 352 13xxx
FLAT
2306 352 23xxx
STAND-OFF
AMF07
2306 358 13xxx
FLAT
2306 358 23xxx
STAND-OFF
AMW10
2306 353 13xxx
FLAT
2306 353 23xxx
STAND-OFF
AMF10
2306 359 13xxx
FLAT
2306 359 23xxx
STAND-OFF
AMW15
2306 354 13xxx
FLAT
100
2306 354 23xxx
STAND-OFF
AMW20
2306 355 13xxx
FLAT
2306 355 23xxx
STAND-OFF
RESISTANCE
DECADE
LAST DIGIT
0.1 - 0.91
Ω
7
1 - 9.1
Ω
8
10 - 91
Ω
9
100 - 910
Ω
1
1 - 9.1 k
Ω
2
10 - 91 k
Ω
3
100 - 910 k
Ω
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com