Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMF05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AMF05
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMF05 Datasheet(HTML) 2 Page - Vishay Siliconix

  AMF05 Datasheet HTML 1Page - Vishay Siliconix AMF05 Datasheet HTML 2Page - Vishay Siliconix AMF05 Datasheet HTML 3Page - Vishay Siliconix AMF05 Datasheet HTML 4Page - Vishay Siliconix AMF05 Datasheet HTML 5Page - Vishay Siliconix AMF05 Datasheet HTML 6Page - Vishay Siliconix AMF05 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMW, AMF
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
Vishay Phoenix
Document Number: 30249
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-08
2
End-of-Life Vishay Phoenix Product
Note:
(1) Long leads (38.1 mm) available on request
ELECTRICAL CHARACTERISTICS
The power that the resistor can dissipate depends on the operating temperature.
Maximum dissipation (Pmax.) in percentage of rated power as a function of ambient temperature (Tamb)
Notes:
Application information available on request:
• Pulse load behavior
• High frequency behavior (self inductance)
• Hot spot and solder spot curves
DIMENSIONS in millimeters (inches)
TYPE
A
H
B
E
Ød
L (1)
AMW03
AMF03
22.2 ± 1.5
(0.87 ± 0.06)
8.0 ± 1.0
(0.32 ± 0.04)
8.0 ± 1.0
(0.32 ± 0.04)
9.5 ± 1.0
(0.374 ± 0.04)
0.80 ± 0.03
(0.031 ± 0.001)
28.0 ± 2.5
(1.11 ± 0.098)
AMW05
AMF05
22.2 ± 1.5
(0.87 ± 0.06)
9.5 ± 1.0
(0.37 ± 0.04)
9.5 ± 1.0
(0.37 ± 0.04)
11 ± 1.0
(0.433 ± 0.04)
AMW07
AMF07
35 ± 1.5
(1.38 ± 0.059)
9.5 ± 1.0
(0.37 ± 0.04)
9.5 ± 1.0
(0.37 ± 0.04)
11.9 ± 1.0
(0.469 ± 0.04)
AMW10
AMF10
48 ± 2
(1.89 ± 0.079)
9.5 ± 1.0
(0.37 ± 0.04)
9.5 ± 1.0
(0.37 ± 0.04)
11.9 ± 1.0
(0.469 ± 0.04)
AMW15
48 ± 2
(1.89 ± 0.079)
12.5 ± 1.0
(0.49 ± 0.04)
12.5 ± 1.0
(0.49 ± 0.04)
15.9 ± 1.0
(0.626 ± 0.04)
AMW20
63.5 ± 2
(2.5 ± 0.079)
12.5 ± 1.0
(0.49 ± 0.04)
12.5 ± 1.0
(0.49 ± 0.04)
15.9 ± 1.0
(0.626 ± 0.04)
A
H
Ø d
B
FLAT VERSION
LL
A
H
Ø d
B
STAND-OFF VERSION
LL
E
0
0
25
275
100
T
amb (°C)
DERATING
3 W 5 W 7 W 10 W
15 W 20 W
40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com