Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW10 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # AMW10
Description  Wirewound/Metal Film Resistors, Commercial Power, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AMW10 Datasheet(HTML) 6 Page - Vishay Siliconix

  AMW10 Datasheet HTML 1Page - Vishay Siliconix AMW10 Datasheet HTML 2Page - Vishay Siliconix AMW10 Datasheet HTML 3Page - Vishay Siliconix AMW10 Datasheet HTML 4Page - Vishay Siliconix AMW10 Datasheet HTML 5Page - Vishay Siliconix AMW10 Datasheet HTML 6Page - Vishay Siliconix AMW10 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AMW, AMF
Wirewound/Metal Film Resistors,
Commercial Power, Axial Lead
Vishay Phoenix
Document Number: 30249
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 14-Feb-08
6
End-of-Life Vishay Phoenix Product
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance to the schedule of IEC publications 60115-1, category 65/275/56 (rated
temperature range - 65 °C to + 275 °C; damp heat, long term, 56 days and along the lines of IEC publications 60068-2);
“Recommended basic climatic and mechanical robustness testing procedure for electronic components” and under standard
atmosphere conditions according to IEC 60068-1 subclause 5.3, unless otherwise specified. In some instances deviations from
IEC applications were necessary for our method specified.
PERFORMANCE
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.6.1.1
Insulation resistance
500 VDC during 1 min;
V-block method
Rins min 100 MΩ
4.7
Voltage proof on
insulation
1000 VRMS during 1 min;
V-block method
No breakdown or flashover
4.8
Temperature
coefficient
Between
- 55 °C at + 275 °C
AMW
R < 10
Ω
R
≥ 10 Ω
AMF
0 to 600 ppm/°C;
- 100 to 150 ppm/°C
± 250 ppm/°C
4.13
Short time overload
Dissipation 5 x Pn; 5 s, Vmax. for:
AMF03
≤ 1500 V
AMF05
≤ 2000 V
AMF07
≤ 2500 V
AMF10
≤ 3000 V
ΔR/R
max. ± 4 % + 0.05 Ω
4.16
21(U)
Robustness of
terminations:
No visible damage
ΔR/R
max. ± 2 % + 0.05 Ω
4.16.2
21(Ua1)
Tensile all samples
Load 10 N; 10 s
4.16.3
21(Ub)
Bending half number
of samples
Load 5 N; 4 x 90°
4.16.4
21(Uc)
Tension other half
of samples
3 x 360° in
opposite directions
4.17
20(Ta)
Solderability
(after aging)
16 h at 155 °C;
leads immersed in flux 600,
leads immersed 2 mm
for 2 ± 0.5 s
in a solder bath at 235 ± 5 °C
Good tinning; no damage
ΔR/R
max. ± 0.5 % + 0.05 Ω
4.18
20(Tb)
Resistance to
soldering heat
Thermal shock: 3 s,
350 °C; 6 mm from body
ΔR/R
max. ± 4 % + 0.05 Ω
4.19
14(Na)
Rapid change of
temperature
30 min at - 55 °C and
30 min + 275 °C;
5 cycles
No visual damage
ΔR/R
max. ± 5 % + 0.05 Ω
4.23
Climatic sequence:
ΔR/R
max. ± 3 % + 0.05 Ω
4.23.2
2(Ba)
Dry heat
16 h, 275 °C
4.23.3
30(Db)
Damp heat
(accelerated)
1st cycle
24 h, 25 °C to 55 °C;
90 to 100 % RH
4.23.4
1(Aa)
Cold
2 h, - 65 °C
4.23.6
30 (Db)
Damp heat
(accelerated)
remaining cycles
6 days; 55 °C;
90 to 98 % RH
4.24
3 (Ca)
Damp heat
(steady state)
56 days; 40 °C; 90 to 95 % RH;
loaded with 0.01 Pn
ΔR/R
max. ± 3 % + 0.05 Ω
4.25.1
Endurance
(at 40 °C)
1000 h loaded
with Pn or Vmax.;
1.5 h ON and
0.5 h OFF
No damage
ΔR/R
max. ± 5 % + 0.1 Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com