Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLP65-3322 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP65-3322
Description  60W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP65-3322 Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP65-3322 Datasheet HTML 1Page - Artesyn Technologies NLP65-3322 Datasheet HTML 2Page - Artesyn Technologies NLP65-3322 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
When the input voltage is less than 90VAC the operating temperature
range is 0
°C to +40°C. The ripple and regulation specifications may not be
met.
2
Peak output current lasting less than 60 seconds with duty cycle less than
5%. During peak loading, output voltage may exceed total regulation limits.
3
Figure is peak-to-peak for convection power rating. Output noise
measurements are made across a 20MHz bandwidth using a 6 inch twisted
pair, terminated with a 10µF electrolytic capacitor and a 0.1µF ceramic
capacitor.
4
Maximum continuous output power must not exceed 60W.
5
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4G
rms 5Hz to 500Hz.
6
To maintain stated regulation then:
I
≥ 0.2A I max.
N
7
For optimum reliability, no part of the heatsink should exceed 120oC, and
no semiconductor case temperature should exceed 130oC.
8
CAUTION: Allow a minimum of 1 second after disconnecting line power
when making thermal measurements.
9
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
10 Maximum continuous output power for this model must not exceed 70
Watts with 20CFM forced air cooling.
11 For system EMI compliance the unit must be mounted within a metal
chassis.
12 All models require a minimum mounting stand-off of 0.25 inches (6.35mm)
in the end use product.
13 Contact factory for further details with respect to harmonic current
correction.
NLP65-3322
T riple output
LOW POWER AC/DC POWER SUPPLIES
60W AC/DC Universal Input Switch Mode Power Supplies
2
www.artesyn.com
File Name: NLP65-3322.PDF Rev: 24 Feb 2000
OUTPUT
OUTPUT CURRENT
RIPPLE (3)
TOTAL
OVP
MODEL
VOLTAGE
MAX (4)
PEAK (2)
FAN (10)
REGULATION (6)
NUMBER
+5V
7.0A
9.1A
8.0A
50mV
±100mV
6.25V ± 0.5V
NLP65-3322
+24V
1.5A
2.6A
2.0A
240mV
±1200mV
---
+12V
0.7A
1.0A
1.0A
120mV
±600mV
---
DERATING CURVE
Output Power (Watts)
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
27W
60W
70W
20 CFM FORCED AIR COOLING
33W
NATURAL
CONVECTION
COOLING
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Line
Pin 2
No Pin
Pin 3
AC Neutral
J2
Pin 1
Safety Ground
OUTPUT PIN CONNECTIONS
J3
TRIPLE
Pin 1
+24V
Pin 2
+5V
Pin 3
+5V
Pin 4
Return
Pin 5
Return
Pin 6
+12V
Input and output connectors
Mating connectors
AC (J1) connector type
AC (J1) mating connector type
Molex 26-60-4030 type.
Molex 09-50-3031 or equivalent with Molex
08-50-0105 or equivalent crimp terminals.
DC (J3) connector type
DC (J3) mating connector type
Molex 26-60-4060 type.
Molex 09-50-3061 with Triurcon 6838
or equivalent crimp terminals.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com