Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS200-7602CF Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NFS200-7602CF
Description  Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS200-7602CF Datasheet(HTML) 2 Page - Artesyn Technologies

  NFS200-7602CF Datasheet HTML 1Page - Artesyn Technologies NFS200-7602CF Datasheet HTML 2Page - Artesyn Technologies NFS200-7602CF Datasheet HTML 3Page - Artesyn Technologies NFS200-7602CF Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN CONNECTIONS
TB1
NFS200-7601
NFS200-7602
NFS200-7603
NFS200-7608
Term 1
AC Line
AC Line
AC Line
AC Line
Term 2
AC Neutral
AC Neutral
AC Neutral
AC Neutral
Term 3
Safety Ground Safety Ground Safety Ground Safety Ground
TB2
Term 1
+5.1V
+5.1V
+5.1V
+5.1V
Term 2
+5.1V
+5.1V
+5.1V
+5.1V
Term 3
Return
Return
Return
Return
Term 4
Return
Return
Return
Return
Term 5
Return
Return
Return
Return
Term 6
+12.1V
+12.1V
+12.1V
+12.1V
Term 7
–12.1V
–12.1V
–12.1V
–12.1V
Term 8
–5.2V(6)
24V Return(7) 12V Return(7)
Term 9
–5.2V Return(6)
+24V(7)
+12V(7)
Term 10
J1
Pin 1
PFD
PFD
PFD
PFD
Pin 2
PFD Return
PFD Return
PFD Return
PFD Return
Pin 3
Fan Return
Fan Return
Fan Return
Fan Return
Pin 4(8)
Fan
Fan
Fan
Fan
Notes
1
25W minimum total output load required for reliable operation. Also, ±12V
output peak current capability requires a +5.1V @ 5A minimum load.
2
Peak output current lasting less than 30 seconds with duty cycle less than
10%. During peak loading, outputs may drift outside total regulation
limits.
3
Requires forced air, 30CFM minimum, or 350LFM.
4
Figure is peak-to-peak. Output noise is measured across a 50MHz
bandwidth using a 12 inch twisted pair, terminated with a 47µF capacitor.
5
Total regulation is defined as the static output regulation at 25°C,
including initial tolerance, line voltage within stated limits, load currents
within stated limits, and output voltages adjusted to their factory settings.
6
Although the –5.2V return is electrically connected to the ‘main’ return
(terminals 3, 4 and 5, which are all connected together), Artesyn
Technologies recommends that system cabling allow –5.2V return current
flow to terminal 9.
7
The auxiliary output is floating, and can be referenced as either positive or
negative. The return is the negative terminal of the pair.
8
Any fan current must be subtracted from the total available +12.1V
current. Supplied fans draw 0.14A.
9
This product is only for installation by professional installers within other
equipment and must not be operated as a stand alone product.
10 Derating curve is application specific for ambient temperatures >50°C, for
optimum reliability no part of the heat sink should exceed 90°C and no
semi-conductor temperature should exceed 100°C.
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010
File No. 10401-3336-1058 Licence No. 3613
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Certificate No. PS/603176
200 Watt
AC/DC universal input switch mode power supplies
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
|
200W AC/DC
PAGE 2
http://www.artesyn.com
OUTPUT
OUTPUT CURRENTS
RIPPLE (4)
TOTAL
MODEL NUMBER (A)
VOLTAGE
MIN (1)
PEAK (2)
MAX (3)
REGULATION (5)
OPEN FRAME
CASED
+5.1V
5.0A
30A
30.0A
50mV
±2%
NFS200-7601 (6)
NFS200-7601CF (6)
+12.1V
0A
12A
8.0A
120mV
±2.5%
–12.1V
0A
5.0A
4.0A
120mV
±2.5%
–5.2V (6)
0A
6.0A
6.0A
50mV
±2.5%
+5.1V
5.0A
30A
30.0A
50mV
±2%
NFS200-7602 (7)
NFS200-7602CF (7)
+12.1V
0A
12A
8.0A
120mV
±2.5%
–12.1V
0A
5.0A
4.0A
120mV
±2.5%
24.0V (7)
0A
3.0A
3.0A
240mV
±2.5%
+5.1V
5.0A
30A
30.0A
50mV
±2%
NFS200-7603 (7)
NFS200-7603CF (7)
+12.1V
0A
12A
8.0A
120mV
±2.5%
–12.1V
0A
5.0A
4.0A
120mV
±2.5%
12.0V (7)
0A
4.0A
4.0A
120mV
±2.5%
+5.1V
5.0A
30A
30A
50mV
±2.5%
NFS200-7608
NFS200-7608CF
+12.1V
0A
12.0A
8.0A
120mV
±2.5%
-12.1V
0A
5.0A
4.0A
120mV
±2.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com