Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM623 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM623
Description  Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM623 Datasheet(HTML) 1 Page - Artesyn Technologies

  PM623 Datasheet HTML 1Page - Artesyn Technologies PM623 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Voltage accuracy
±5.0%, max.
Line regulation
LL to HL
±0.3%
Load regulation
NL to FL
±0.4%
Ripple and noise
20MHz BW
20mV pk-pk, max.
See Note 5
Transient response
Overshoot for
±0.1%, typical
10% to 90% FL
Temperature coefficient
±0.01%°C, typical
Short circuit protection
Output thermal
Continuous
limited
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
5VDC, See Note 10
4.5 to 5.5VDC
12VDC, See Note 10 10.8 to 13.2VDC
Input filter
See Note 8
Pi network
Fault current mode
150% of FL
input current
PM600 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 24 pin DIP package
• 1.25 x 0.8 x 0.4 inch package
• Tight regulation
• Pi input filter
• 20mV pk-pk ripple and noise
• Short circuit protection
The PM600 Series are a broad line of low cost, high performance single and
dual output DC/DC converters packaged in an IC compatible 24 pin DIP
configuration. These miniature converters are ideal for use on high density PC
boards, or wherever low power, isolated and regulated outputs are required. A
self contained input Pi network filter, available on all models, minimizes reflected
ripple current for critical applications. This feature eliminates the need for
external filters thus reducing overall system cost.
The PM600 series maintain
±0.3% line and ±0.4% load regulation, and require no derating over the
specified operating temperature range. Other specifications include: output
voltage accuracy, ±5.0%; ripple and noise, 20mV pk-pk; isolation, 300VDC.
PM600 series DC/DC converters are intended for a wide variety of industrial
applications, especially where tight regulation is required.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
GENERAL SPECIFICATIONS
Efficiency
50% typical
Isolation voltage
300VDC
Switching frequency
Variable
40kHz to 70kHz
Case material
UL94V-0
Non-conductive
black plastic
Weight
14g (0.5oz)
MTBF
Single Outputs
434,000 hours
(75% FL)
Dual Outputs
268,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
–25°C to +71°C
Non-operating amb., –40°C to +125°C
Case
+95°C, max.
Derating
None required
Cooling
Free air convection cooled
Relative humidity
Non-condensing
20% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)


Similar Part No. - PM623

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM620-01-RC BOURNS-PM620-01-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
PM620-02-RC BOURNS-PM620-02-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
PM620-03-RC BOURNS-PM620-03-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
PM620-04-RC BOURNS-PM620-04-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
PM620-05-RC BOURNS-PM620-05-RC Datasheet
369Kb / 5P
SMD Inductor/Transformer
More results

Similar Description - PM623

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EM600 ARTESYN-EM600 Datasheet
39Kb / 2P
Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
PM900 ARTESYN-PM900 Datasheet
43Kb / 2P
Single and dual output 5 to 6 Watt Nominal input DC/DC converters
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
Wall Industries,Inc.
LANEC WALL-LANEC Datasheet
112Kb / 2P
Single Output, to 1 Watt dc/dc converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com