Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM901 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # PM901
Description  Single and dual output 5 to 6 Watt Nominal input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PM901 Datasheet(HTML) 1 Page - Artesyn Technologies

  PM901 Datasheet HTML 1Page - Artesyn Technologies PM901 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTPUT SPECIFICATIONS
Voltage accuracy
±1.0%, max.
Line regulation
NL to FL
±0.02%
Load regulation
FL to NL, Single outputs
±0.04%
FL to NL, Dual outputs
±0.05%
Cross regulation
Dual outputs
±0.5%, max
(Voltage balance)
Ripple and noise
Single output
10mV pk-pk, typical,
20MHz BW
65mV pk-pk, max.
Dual output
6mV pk-pk, typical,
35mV pk-pk, max.
Transient recovery
NL to FL, all outputs
10µs
time to 0.1% of final
FL to NL, single output
200µs
value
FL to NL, dual output
20µs
Temperature coefficient Single output
±0.02%/°C
Dual output
±0.01%/°C
Current limit
130% to 180% Iout
Short circuit protection
See Note 4
Thermal limit
INPUT SPECIFICATIONS
Input voltage range
See table on facing page
Input filter
See Note 3
Pi network
EMC CHARACTERISTICS
Conducted emissions
EN55022, EN55011, FCC 15
Level B
GENERAL SPECIFICATIONS
Efficiency
Single output
61%, min.
Dual output
62%, min.
Isolation voltage
500VDC, min.
Switching frequency
Fixed
20kHz, min.
Case material
UL94V-0
Non-conductive
black plastic
Weight
57g (2oz)
MTBF
680,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
–25°C to +71°C
Non-operating amb. –40°C to +125°C
Case
+95°C, max
Derating
None required
Cooling
Free-air convection
cooled
Relative humidity
Non-condensing
20% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms (approx.)
PM900 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• Extremely tight line and load regulation
• Short circuit protection
• Pi input filter
• Low ripple output current
• Conducted noise EN55022, EN55011 level B
• Linear topology for high output accuracy and regulation
The PM900 Series of 5 and 6 Watt DC/DC converters are a broad line of high
performance modules with many important features and specifications as
standard. All models contain Pi-type input filters to minimise reflected ripple
current. They are packaged in low profile 2.0 x 2.0 x 0.4 inch cases with
standard and two alternate pin-outs designed for direct PC card mounting. The
units also feature output current limiting, short-circuit protection and
input/output isolation of 500VDC. Other specifications include: an efficiency of
65%; line regulation of ±0.02%; load regulation of ±0.04% for single output
models and ±0.05% for dual output models; low ripple and noise (10mV pk-pk
for single output models and 6mV pk-pk for dual output models); and an output
voltage accuracy of ±1.0%. PM900 Series DC/DC converters are intended for a
wide variety of general industrial applications, especially where low noise
performance is required.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.


Similar Part No. - PM901

ManufacturerPart #DatasheetDescription
logo
Sames
PM9102AP SAMES-PM9102AP Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APA SAMES-PM9102APA Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9102APE SAMES-PM9102APE Datasheet
103Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103AP SAMES-PM9103AP Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
PM9103APA SAMES-PM9103APA Datasheet
113Kb / 10P
SINGLE PHASE POWER/ENERGY METERING MODULE
More results

Similar Description - PM901

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EM600 ARTESYN-EM600 Datasheet
39Kb / 2P
Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
PM600 ARTESYN-PM600 Datasheet
69Kb / 2P
Single and dual output 0.5 to 1 Watt Nominal input DC/DC converters
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
Single and dual output 3 Watt Nominal input DC/DC converters
PM800 ARTESYN-PM800 Datasheet
38Kb / 2P
Single and dual output 10 to 12 Watt Nominal input DC/DC converters
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
Intronics Power, Inc.
DC800 INTRONICS-DC800 Datasheet
202Kb / 1P
5 WATT SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com