Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSINGLEMODESOURCE Datasheet(PDF) 5 Page - Fluke Corporation

Part # SFSINGLEMODESOURCE
Description  SimpliFiber® Pro
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

SFSINGLEMODESOURCE Datasheet(HTML) 5 Page - Fluke Corporation

  SFSINGLEMODESOURCE Datasheet HTML 1Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 2Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 3Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 4Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 5Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 6Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 7Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 8Page - Fluke Corporation SFSINGLEMODESOURCE Datasheet HTML 9Page - Fluke Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Feature
Description
Benefit
Dual-wavelength testing
Simultaneously test and save records from two wavelengths
Cuts testing time in half by eliminating the need to test at each wavelength
separately
CheckActive™
Connect to a fiber without any setup and show with a simple icon and an
audible tone whether that fiber is active.
Know for sure if connectors and ports are live. Allows quick visual and
audible identification of a live link or port on a switch
FindFiber Remote ID
Identify the physical location of cabling runs to ensure polarity and the
correct location on each fiber drop. Encoded source signal 1-8
Allows for quick and easy cable-routing identification and reduces confusion.
Allows double-ended testing with only 1 technician. Ideal for pre-testing
a job site before any adds, moves, or changes. Allows for mapping
verification and easy documentation.
Auto wavelength
Automatic identification of wavelength being transmitted
Eliminates time-consuming mistakes by automatically detecting which source
wavelength is transmitting. Allows measurements from both wavelengths at
to be saved in one record
USB port
Data connectivity via USB 2.0
Download results faster – no specialty cables required
Saves 1000 results
Save and label each test conducted
Collects test results from multiple building sites in a day and requires only
one download
Min/max
Allows immediate access to power range highs and lows in a testing session
Precisely identifies intermittent power fluctuations. Eliminates unreliable
and inaccurate guesswork.
Six calibrated wavelengths
Calibrated to extend from typical enterprise wavelengths to two new popular
wavelengths
Power meter can be used for broader applications, including FTTx testing
5 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com