Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT72 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT72
Description  Low price reliable quality. / PC board mounting.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT72 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT72 Datasheet HTML 1Page - DB Lectro Inc NT72 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
500M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1000V
50Hz 2500V
4000V(NT72-2)
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
11g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
T
üV
CCEE
Load
12A/125VAC 28VDC
6A/250VAC
1/3HP 120VAC 240VAC
Insulation
B-class F-class
6A/250VAC
28VDC
10A/250VAC 28VDC
5A/250VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT72(4459)& NT72-2
Dimensions
Wiring diagram
(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.4
0.016
0.5
0.020
0.6
0.024
0.9
0.035
1.2
0.047
2.0
0.079
2.1000
0.083
3.5
0.138
5.08
0.200
7.62
0.300
12.7
0.500
15
0.591
16.5
0.650
17.3
0.681
21.4
0.843
22.3
0.878
NT72-2
NT72
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com