Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVDR4NM Datasheet(PDF) 3 Page - Pentair plc. All rights reserved.

Part # AVDR4NM
Description  H20MIT VENT DRAINS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

AVDR4NM Datasheet(HTML) 3 Page - Pentair plc. All rights reserved.

  AVDR4NM Datasheet HTML 1Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 2Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 3Page - Pentair plc. All rights reserved. AVDR4NM Datasheet HTML 4Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Accessories Condensation ManageMent
Spec-00542 J
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
ThermAl mAnAgemenT
3
h2omiT ThermoelecTric DehUmiDiFier
inDUsTrY sTAnDArDs
UL 508A Listed; File No. E61997
cUL Listed per C22.2 No. 14; File No. E61997
CE
APPlicATion
The H2OMIT Thermoelectric Dehumidifier removes moisture from
the air within an enclosure, providing an inexpensive yet highly
effective way to protect electronic and electrical components from
condensation.
FeATUres
•
Reduces corrosion that can limit the life of internal electrical and
electronic components
•
Condenses moisture from internal enclosure air and standing
liquids
•
Built-in drain provision with plastic hose directs collected
moisture to the Vent Drain (sold separately)
•
Rotating side air vents direct recirculating air away from critical
controls
•
Mounts via DIN rail on internal panel or mounts directly onto the
inside bottom of enclosure above the Vent Drain (sold separately)
•
Can be used in mild steel, aluminum, stainless steel and non-
metallic enclosures
sPeciFicATions
•
High-impact ABS shell
•
Operates on 24-Volt DC power
•
4.5 A max. (84 W)
•
Runs continuously above 32 Fa (power supply not included)
•
Removes 8 oz. of moisture in 24 hours
•
Compact 6.00-in. x 5.50-in. x 5.75-in. design
•
One Thermoelectric Dehumidifier includes:
- Four feet of plastic hose
- Two hose retainers
- One double-ended hose retainer
- Six inches of Velcro®
- Seven-inch strip of DIN rail
- Two mounting screws
Must be used with UL-certified drain to remove pooled liquid from
enclosure.
a
If continual operation is not desired, a Mechanical Hygrostat (AMHUM)
can be wired to the thermoelectric dehumidifier and then set to turn the
dehumidifier on at the desired relative humidity.
VELCRO is a trademark of Velcro Industries B.V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com