Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6035IBP Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6035IBP
Description  Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6035IBP Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM6035IBP Datasheet HTML 1Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 2Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 3Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 4Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 5Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 6Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 7Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 8Page - National Semiconductor (TI) LM6035IBP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = 2.7V, single supply, TA =
25˚C
Supply Current vs. Supply Voltage (Per Amplifier)
Input Current vs. Temperature
01283052
01283053
Sourcing Current vs. Output Voltage
Sourcing Current vs. Output Voltage
01283054
01283055
Sinking Current vs. Output Voltage
Sinking Current vs. Output Voltage
01283056
01283057
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com