Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N4100CBS3DC12V Datasheet(PDF) 1 Page - DB Lectro Inc

Part # N4100CBS3DC12V
Description  Low coil power consumption.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

N4100CBS3DC12V Datasheet(HTML) 1 Page - DB Lectro Inc

  N4100CBS3DC12V Datasheet HTML 1Page - DB Lectro Inc N4100CBS3DC12V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low coil power consumption.
High sensitivity.
Small size, light weight.
PC board mounting.
Suitable for automation facilities, telecommunication equipment, household electrical appliance, wireless radio remote
control, sound control toys application etc.
Ordering Information
N4100
C
H
S
3
DC12V
1
2
3
4
5
6
1 Part number:N4100(N4100F)
N4100F-2
2 Contact arrangement:A:1A;B:1B;C:1C
3 Coil power consumption:NIL:0.36W(Standard)
;
B:0.45W(Heavy load)
;H:0.2W(High sensitivity)
4 Enclosure:S: Sealed type;NIL: Dust cover
5 Contact current:NIL:1A;3:3A;5:5A
6 Coil rated Voltage(V):DC:3,5,6,9,12,24
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC f1C SPDT(B-M)
Contact Material
Ag
AgNi
Ag CdO
Contact Rating
resistive
1A,3A,5A/125VAC; 1A,2A,3A/30VDC ;5A/14VDC,30VDC
Max. Switching Power
90W
625VA
Max. Switching Voltage
60VDC 220VAC
Max. Switching Current: 5A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-200
3
3.3
45
2.25
0.3
005-200
5
5.5
125
3.75
0.5
006-200
6
6.6
180
4.50
0.6
009-200
9
9.9
405
6.75
0.9
012-200
12
13.2
720
9.00
1.2
024-200
24
26.5
2880
18.0
2.4
0.2
5
5
003-360
3
3.3
25
2.25
0.3
005-360
5
5.5
75
3.75
0.5
006-360
6
6.6
100
4.50
0.6
009-360
9
9.9
225
6.75
0.9
012-360
12
13.2
400
9.00
1.2
024-360
24
26.5
1600
18.0
2.4
0.36
5
5
003-450
3
3.3
20
2.25
0.3
005-450
5
5.5
56
3.75
0.5
006-450
6
6.6
80
4.50
0.6
009-450
9
9.9
180
6.75
0.9
012-450
12
13.2
320
9.00
1.2
024-450
24
26.5
1280
18.0
2.4
0.45
5
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
45
N4100 (4100F) & N4100F-2 (N4100F)
15.5
×11×11.5
E158859
Patent No.
95 2 11073.3
www.dblectro.com


Similar Part No. - N4100CBS3DC12V

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N4101 MPSIND-N4101 Datasheet
265Kb / 1P
SMD RJ45 10/100 BASE-T with Magnetic Module
More results

Similar Description - N4100CBS3DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
Low coil power consumption
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
Low coil power consumption
NV2M DBLECTRO-NV2M_05 Datasheet
335Kb / 2P
Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
Low coil power consumption.
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
Low coil power consumption
logo
CIT Relay & Switch
A41CS12VDC CIT-A41CS12VDC Datasheet
135Kb / 2P
Low coil power consumption
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
Low coil power consumption
J103 CIT-J103 Datasheet
112Kb / 3P
Low coil power consumption
J118 CIT-J118 Datasheet
113Kb / 2P
Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com