Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70201ILQ Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD70201ILQ
Description  Power Over Ethernet 802.3af/at PD Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70201ILQ Datasheet(HTML) 1 Page - Microsemi Corporation

  PD70201ILQ Datasheet HTML 1Page - Microsemi Corporation PD70201ILQ Datasheet HTML 2Page - Microsemi Corporation PD70201ILQ Datasheet HTML 3Page - Microsemi Corporation PD70201ILQ Datasheet HTML 4Page - Microsemi Corporation PD70201ILQ Datasheet HTML 5Page - Microsemi Corporation PD70201ILQ Datasheet HTML 6Page - Microsemi Corporation PD70201ILQ Datasheet HTML 7Page - Microsemi Corporation PD70201ILQ Datasheet HTML 8Page - Microsemi Corporation PD70201ILQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_________________________________________________________________________________________________________
Copyright © 2016
Microsemi
Page 1 of 20
Rev.2.0, 17-Jan-2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70101 / PD70201
Datasheet
Features
 IEEE802.3af and IEEE802.3at
Compliant
 Support for 4-pair Applications of up to
47.7W With a Single IC
 Two-events Classification
Identification With a Level Signal
Indicating Type 1 or Type 2 PSE
 Less Than 10 µA (typical) Offset
Current During Detection
 Signature Resistor is Disconnected
upon Detection
 Programmable Classification Setting
With a Single Resistor
 Integrated 0.6 Ohm Isolating MOSFET
Switch With Inrush Current Limit
 Power Off DC-DC Input Capacitor
Discharge
 100 kHz to 500 kHz Adjustable DC-DC
Switching Frequency
 DC-DC Frequency Can Be
Synchronized to External Clock
 Supports Low Power Mode Operation
for Higher Efficiency 50% Maximum
Duty Cycle
 Soft-start Circuit to Control The Output
Voltage Rise Time
 Two out-of-phase driver stages for
efficient synchronous rectification or
active clamp
 PoE Port Input UVLO with
Programmable Threshold and
Hysteresis
 Internal Differential Amplifier
Simplifying Non-isolated Step Down
Converter
 Over Load and Short Circuit Protection
 RoHS Compliant & Pb-Free
Applications
 IEEE802.3at and IEEE802.3af
powered devices such as IP
phones, WLAN Access Points and
Network Cameras.
 48V Input Telcom/Networks Hot
Swappable Power Supply.
Power Over Ethernet
802.3af/at PD Controller
The PD70101 and PD70201 are integrated Powered Device Interface and
PWM controllers for a DC-DC converter used in IEEE802.3af and
IEEE802.3at applications. The PD70101 can be used for IEEE802.3af or
IEEE802.3at Type 1 applications, while the PD70201 can also be used in
IEEE802.3at Type 2 applications.
A single PD70201 can be used in 4-pair applications which consumes up
to 47.7W.
These devices have a number of features designed to improve efficiency
and reliability:
Detection and Classification: The front end interface includes detection
and
classification
circuitry.
The
detection
signature
resistor
is
disconnected upon completion of the detection phase. The system then
begins the classification phase. Classification can be configured for
Classes 0 to 4 via an external resistor.
The PD70201 includes a
two-events classification identification circuit which generates a flag to
inform the PD application whether the Power Source Equipment (PSE) is
Type 1 or Type 2.
Capacitor: A current limited internal MOSFET switch charges the input
capacitor of the DC-DC converter. This capacitor is discharged in a timely
manner when the input power is removed.
Gate drivers: The PWM DC-DC controller has two built-in gate drivers
designed to swing between VCC and GND. These 2 out-of-phase driver
stages can be configured for synchronous rectification or active clamp.
Peak current mode control: The DC-DC converter employs peak current
mode control for better line and load step response.
The switching
frequency can be set from 100kHz to 500kHz, enabling a size and
efficiency trade off.
Maximum duty cycle is limited to 50% to reduce the power MOSFET
switch voltage to two times the input voltage; a 150V rated MOSFET can
be used for the primary side switch.
The secondary synchronous
MOSFET voltage rating depends on the output voltage and can be higher
or lower than the primary side MOSFET switch.
Soft-start circuit: The devices include a soft-start circuit to control the
output voltage rise time (user settable) at start up, and to limit the inrush
current. An integrated startup bias circuit powers the DC-DC controller,
until the device starts up by the voltage generated by the bootstrap circuit.
Low Voltage Protection Warning and Monitoring: Dual Under Voltage
Lock Out (UVLO), which monitors both the PoE Port Input Voltage and
VCC, ensures reliable operation during any system disturbances.
The
PoE port UVLO has a programmable threshold and hysteresis to enable
tailoring to the desired turn on and turn off voltage.
An internal current sense amplifier with a Kelvin connection allows the use
of an extremely low resistor to measure the current sense threshold
voltage (200 mV) which optimizes efficiency.
Low Power Mode operation is provided to improve efficiency under light
loads such as when the PD is in standby. The user can define at what
power level the unit enters low power mode by means of a single resistor
value.


Similar Part No. - PD70201ILQ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD70201 MICROCHIP-PD70201 Datasheet
810Kb / 36P
PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
2020
PD70201 MICROCHIP-PD70201 Datasheet
636Kb / 24P
IEEE짰 802.3af/at PD Front End IC
2020
PD70201 MICROCHIP-PD70201 Datasheet
754Kb / 30P
Front-End PD Interface Controller
2020
PD70201 MICROCHIP-PD70201 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results

Similar Description - PD70201ILQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
logo
Microchip Technology
PD70101 MICROCHIP-PD70101 Datasheet
1Mb / 31P
PoE IEEE짰 802.3af/at PD Controller
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com