Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR032EB Datasheet(PDF) 41 Page - STMicroelectronics

Part # M58WR032EB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032EB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M58WR032EB Datasheet HTML 37Page - STMicroelectronics M58WR032EB Datasheet HTML 38Page - STMicroelectronics M58WR032EB Datasheet HTML 39Page - STMicroelectronics M58WR032EB Datasheet HTML 40Page - STMicroelectronics M58WR032EB Datasheet HTML 41Page - STMicroelectronics M58WR032EB Datasheet HTML 42Page - STMicroelectronics M58WR032EB Datasheet HTML 43Page - STMicroelectronics M58WR032EB Datasheet HTML 44Page - STMicroelectronics M58WR032EB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
41/81
M58WR032ET, M58WR032EB
Table 20. Asynchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
VDDQ = 1.65V-2.2V
VDDQ = 2.2V-3.3V
Unit
70
80
100
70
80
100
tAVAV
tRC
Address Valid to Next Address Valid
Min
70
80
100
70
80
100
ns
tAVQV
tACC
Address Valid to Output Valid
(Random)
Max
70
80
100
70
80
100
ns
tAVQV1
tPAGE
Address Valid to Output Valid
(Page)
Max
20
25252525
25
ns
tAXQX
(1)
tOH
Address Transition to Output
Transition
Min
000000
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
14
18
20
22
22
ns
tELQV
(2)
tCE
Chip Enable Low to Output Valid
Max
70
80
100
70
80
100
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
Min
000000
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
17
17
20
25
25
25
ns
tEHQX
(1)
tOH
Chip Enable High to Output
Transition
Min
000000
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output Hi-Z
Max
17
17
20
20
20
20
ns
tGLQV
(2)
tOE
Output Enable Low to Output Valid
Max
20
25
25
30
30
30
ns
tGLQX
(1)
tOLZ
Output Enable Low to Output
Transition
Min
000000
ns
tGHQX
(1)
tOH
Output Enable High to Output
Transition
Min
000000
ns
tGHQZ
(1)
tDF
Output Enable High to Output Hi-Z
Max
17
17
20
17
17
20
ns
tAVLH
tAVADVH Address Valid to Latch Enable High
Min
9
9
10
10
10
12
ns
tELLH
tELADVH
Chip Enable Low to Latch Enable
High
Min
10
10101010
12
ns
tLHAX
tADVHAX
Latch Enable High to Address
Transition
Min
9
9109
910
ns
tLLLH
tADVLAD
VH
Latch Enable Pulse Width
Min
9
9
10
10
10
12
ns
tLLQV
tADVLQV
Latch Enable Low to Output Valid
(Random)
Max
70
80
100
70
80
100
ns
tLHGL
tADVHGL
Latch Enable High to Output Enable
Low
Min
000000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com