Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFVS6 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # FFVS6
Description  Low Inductance Range Capacitor for Power Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

FFVS6 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  FFVS6 Datasheet HTML 1Page - Kyocera Kinseki Corpotation FFVS6 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JUNE 2015
■ 29
Working temperature
-40°C +105°C (according to the power to be dissipated)
Capacitance range C
N
22 μF to 200 μF
Tolerance on C
N
± 10 %
Rated dc voltage U
N dc
600V to 1900V
Test voltage between terminals @ 25°C: 1.5 x U
Ndc during 10s
Insulation voltage between shorted terminals and earth (type test) @ 4 kVrms @ 50Hz during 1 min.
ELECTRICAL CHARACTERISTICS
Part Number
Capacitance
Height
Irms
I2tLs
RS
Rth
Typical
(μF)
mm (inches)
(A)
(A2s)
max.
(mΩ)
(ºC/W)
Weight (g)
(nH)
Undc 600 volts
(Voltage Code K)
FFVS6K0226K--
22
34 (1.339)
78
11.5
8
0.74
4.2
320
FFVS6K0906K--
90
40 (1.575)
84
24
9
0.60
4.9
345
FFVS6K0147K--
140
51 (2.008)
82
23.5
11
0.83
6.8
405
FFVS6K1956K--
195
64 (2.520)
84
24
13
1.04
8.6
475
Undc 800 volts
(Voltage Code B)
FFVS6B0586K--
58
40 (1.575)
83
19
9
0.72
4.9
345
FFVS6B0926K--
92
51 (2.008)
83
19
11
0.99
6.7
405
FFVS6B1286K--
128
64 (2.520)
84
19.5
13
1.25
8.5
475
Undc 900 volts
(Voltage Code C)
FFVS6C0306K--
30
34 (1.339)
56
7
8
1.55
4.2
320
FFVS6C0406K--
40
40 (1.575)
85
16.5
9
0.85
5.0
345
FFVS6C0656K--
65
51 (2.008)
86
17
11
1.15
6.7
405
FFVS6C0906K--
90
64 (2.520)
87
17
13
1.46
8.5
475
Undc 1000 volts
(Voltage Code L)
FFVS6L0536K--
53
40 (1.575)
61
9.5
9
1.56
4.9
345
FFVS6L0956K--
95
51 (2.008)
63
11
11
1.98
6.7
405
FFVS6L1356K--
135
64 (2.520)
65
11.5
13
2.42
8.3
475
Undc 1200 volts
(Voltage Code U)
FFVS6U0406K--
40
40 (1.575)
57
7.5
9
1.77
4.9
345
FFVS6U0656K--
65
51 (2.008)
57
7.5
11
2.38
6.8
405
FFVS6U0866K--
86
64 (2.520)
58
7
13
3.02
8.5
475
Undc 1900 volts
(Voltage Code N)
FFVS6N0146K--
14
40 (1.575)
66
12.5
10
1.05
4.9
345
FFVS6N0226K--
22
51 (2.008)
68
13.5
13
1.26
6.3
405
FFVS6N0326K--
32
64 (2.520)
68
13.5
16
1.58
8.1
475
Medium Power Film Capacitors
FFVS (RoHS Compliant)
Low Inductance Range Capacitor for Power Electronics
RATINGS AND PART NUMBER REFERENCE
Dimensions millimeters (inches)
LIFETIME EXPECTANCY
Vw: permanent working or operating DC-voltage.
50ºC
70ºC
85ºC
95ºC
105ºC
100
1000
10000
Lifetime Expectancy (hours)
100000
1000000
1.8
1.6
1.4
1.0
1.2
0.8
0.6
FFVS for 600V, 800V and 900V
Vw: permanent working or operating DC-voltage.
50ºC
70ºC
85ºC
95ºC
100ºC
105ºC
1.6
1.5
1.4
1.2
1.3
1.1
1.0
0.9
0.8
0.7
0.6
100
1000
10000
Lifetime Expectancy (hours)
100000
1000000
FFVS for 1000V, 1200V and 1900V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com