Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGA5 Datasheet(PDF) 21 Page - TDK Electronics

Part # CGA5
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CGA5 Datasheet(HTML) 21 Page - TDK Electronics

Back Button CGA5 Datasheet HTML 15Page - TDK Electronics CGA5 Datasheet HTML 16Page - TDK Electronics CGA5 Datasheet HTML 17Page - TDK Electronics CGA5 Datasheet HTML 18Page - TDK Electronics CGA5 Datasheet HTML 19Page - TDK Electronics CGA5 Datasheet HTML 20Page - TDK Electronics CGA5 Datasheet HTML 21Page - TDK Electronics CGA5 Datasheet HTML 22Page - TDK Electronics CGA5 Datasheet HTML 23Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
(21/23)
20210311 / mlcc_automotive_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■ Gray item: The product is not recommended for a new design.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: X7R (–55 to +125°C, ±15%)
Capacitance Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 16V
Rated voltage Edc: 10V
Rated voltage Edc: 6.3V
100pF
0603
0.30±0.03
±10%
CGA1A2X7R1C101K030BA
±20%
CGA1A2X7R1C101M030BA
150pF
0603
0.30±0.03
±10%
CGA1A2X7R1C151K030BA
±20%
CGA1A2X7R1C151M030BA
220pF
0603
0.30±0.03
±10%
CGA1A2X7R1C221K030BA
±20%
CGA1A2X7R1C221M030BA
330pF
0603
0.30±0.03
±10%
CGA1A2X7R1C331K030BA
±20%
CGA1A2X7R1C331M030BA
470pF
0603
0.30±0.03
±10%
CGA1A2X7R1C471K030BA
±20%
CGA1A2X7R1C471M030BA
680pF
0603
0.30±0.03
±10%
CGA1A2X7R1C681K030BA
±20%
CGA1A2X7R1C681M030BA
1nF
0603
0.30±0.03
±10%
CGA1A2X7R1C102K030BA
±20%
CGA1A2X7R1C102M030BA
1.5nF
0603
0.30±0.03
±10%
CGA1A2X7R1C152K030BA
±20%
CGA1A2X7R1C152M030BA
2.2nF
0603
0.30±0.03
±10%
CGA1A2X7R1C222K030BA
±20%
CGA1A2X7R1C222M030BA
3.3nF
0603
0.30±0.03
±10%
CGA1A2X7R1C332K030BA
±20%
CGA1A2X7R1C332M030BA
4.7nF
0603
0.30±0.03
±10%
CGA1A2X7R1C472K030BA
±20%
CGA1A2X7R1C472M030BA
6.8nF
0603
0.30±0.03
±10%
CGA1A2X7R1C682K030BA
±20%
CGA1A2X7R1C682M030BA
10nF
0603
0.30±0.03
±10%
CGA1A2X7R1A103K030BA
CGA1A2X7R0J103K030BA
±20%
CGA1A2X7R1A103M030BA
CGA1A2X7R0J103M030BA
33nF
1005
0.50±0.05
±10%
CGA2B2X7R1C333K050BA
±20%
CGA2B2X7R1C333M050BA
47nF
1005
0.50±0.05
±10%
CGA2B2X7R1C473K050BA
±20%
CGA2B2X7R1C473M050BA
68nF
1005
0.50±0.05
±10%
CGA2B1X7R1C683K050BC
±20%
CGA2B1X7R1C683M050BC
100nF
1005
0.50±0.05
±10%
CGA2B1X7R1C104K050BC
±20%
CGA2B1X7R1C104M050BC
150nF
1005
0.50±0.05
±10%
CGA2B2X7R1C154K050BA
CGA2B1X7R1A154K050BC
CGA2B3X7R0J154K050BB
±20%
CGA2B2X7R1C154M050BA
CGA2B1X7R1A154M050BC
CGA2B3X7R0J154M050BB
220nF
1005
0.50±0.05
±10%
CGA2B2X7R1C224K050BA
CGA2B1X7R1A224K050BC
CGA2B3X7R0J224K050BB
±20%
CGA2B2X7R1C224M050BA
CGA2B1X7R1A224M050BC
CGA2B3X7R0J224M050BB
1608
0.80±0.10
±10%
CGA3E2X7R1C224K080AA
±20%
CGA3E2X7R1C224M080AA
330nF
1608
0.80±0.10
±10%
CGA3E1X7R1C334K080AC
±20%
CGA3E1X7R1C334M080AC
470nF
1608
0.80±0.10
±10%
CGA3E1X7R1C474K080AC
±20%
CGA3E1X7R1C474M080AC
2012
1.25±0.20
±10%
CGA4J2X7R1C474K125AA
680nF
1608
0.80±0.10
±10%
CGA3E1X7R1C684K080AC
±20%
CGA3E1X7R1C684M080AC
2012
1.25±0.20
±10%
CGA4J2X7R1C684K125AA
±20%
CGA4J2X7R1C684M125AA
1µF
1608
0.80±0.10
±10%
CGA3E1X7R1C105K080AC
±20%
CGA3E1X7R1C105M080AC
2012
1.25±0.20
±10%
CGA4J2X7R1C105K125AA
±20%
CGA4J2X7R1C105M125AA
1.5µF
1608
0.80±0.10
±10%
CGA3E1X7R0J155K080AC
±20%
CGA3E1X7R0J155M080AC
2012
1.25±0.20
±10%
CGA4J3X7R1C155K125AB
±20%
CGA4J3X7R1C155M125AB
2.2µF
1608
0.80±0.10
±10%
CGA3E1X7R0J225K080AC
±20%
CGA3E1X7R0J225M080AC
2012
1.25±0.20
±10%
CGA4J3X7R1C225K125AB
±20%
CGA4J3X7R1C225M125AB
3.3µF
2012
1.25±0.20
±10%
CGA4J3X7R1C335K125AB
CGA4J3X7R1A335K125AB
±20%
CGA4J3X7R1C335M125AB
4.7µF
2012
1.25±0.20
±10%
CGA4J3X7R1C475K125AB
CGA4J3X7R1A475K125AB
±20%
CGA4J3X7R1C475M125AB
3216
1.60+0.30,-0.10
±10%
CGA5L3X7R1C475K160AB
±20%
CGA5L3X7R1C475M160AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com