Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4MPR Datasheet(PDF) 14 Page - REAN

Part # RT4MPR
Description  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REAN [REAN]
Direct Link  https://www.rean-connectors.com/
Logo REAN - REAN

RT4MPR Datasheet(HTML) 14 Page - REAN

Back Button RT4MPR Datasheet HTML 10Page - REAN RT4MPR Datasheet HTML 11Page - REAN RT4MPR Datasheet HTML 12Page - REAN RT4MPR Datasheet HTML 13Page - REAN RT4MPR Datasheet HTML 14Page - REAN RT4MPR Datasheet HTML 15Page - REAN RT4MPR Datasheet HTML 16Page - REAN RT4MPR Datasheet HTML 17Page - REAN RT4MPR Datasheet HTML 18Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Phono
"RCA"
Phono
"RCA"
Phono ("RCA/Cinch")
Heavy duty phono plugs
All metal
Cable O.D. up to 7.2 mm
Cable clamp or chuck type strain relief (NYS373*)
Phono receptacle for PCB-mounting
Phono to phono female adapter
NYS 352
NYS 354
NYS 355
NYS 373-*
NYS 352G
NYS 355
NYS 354
NYS 373-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com