Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9002IDDFR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9002IDDFR
Description  TLV900x Low-Power, RRIO, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9002IDDFR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9002IDDFR Datasheet HTML 17Page - Texas Instruments TLV9002IDDFR Datasheet HTML 18Page - Texas Instruments TLV9002IDDFR Datasheet HTML 19Page - Texas Instruments TLV9002IDDFR Datasheet HTML 20Page - Texas Instruments TLV9002IDDFR Datasheet HTML 21Page - Texas Instruments TLV9002IDDFR Datasheet HTML 22Page - Texas Instruments TLV9002IDDFR Datasheet HTML 23Page - Texas Instruments TLV9002IDDFR Datasheet HTML 24Page - Texas Instruments TLV9002IDDFR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
7.11 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
1M
D013
PSRR+
PSRR
Figure 7-13. PSRR vs Frequency
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
D014
VS = 1.8 V to 5.5 V
Figure 7-14. DC PSRR vs Temperature
Frequency (Hz)
0
20
40
60
80
100
120
100
1k
10k
100k
1M
D015
Figure 7-15. CMRR vs Frequency
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
D016
VS = 1.8 V
VS = 5.5 V
VCM = (V–) – 0.1 V to (V+) – 1.4 V
Figure 7-16. DC CMRR vs Temperature
Time (1 s/div)
D017
Figure 7-17. 0.1-Hz to 10-Hz Integrated Voltage Noise
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
D018
Figure 7-18. Input Voltage Noise Spectral Density
www.ti.com
TLV9001, TLV9002, TLV9004
SBOS833R – OCTOBER 2017 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9001 TLV9002 TLV9004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com