Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX-SDMAC Datasheet(PDF) 2 Page - silex technology america, Inc.

Part # SX-SDMAC
Description  802.11ac Plus Bluetooth SDIO Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILEX [silex technology america, Inc.]
Direct Link  https://www.silextechnology.com/
Logo SILEX - silex technology america, Inc.

SX-SDMAC Datasheet(HTML) 2 Page - silex technology america, Inc.

  SX-SDMAC Datasheet HTML 1Page - silex technology america, Inc. SX-SDMAC Datasheet HTML 2Page - silex technology america, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
On-Chip Functionality:
MAC/BB/PHY Processing
Hardware Encryption:
WAPI, WEP, AES-GCMP 128/256
Supported Data Rates:
IEEE 802.11b
1 – 11 Mbps
IEEE 802.11a and g
6 – 54 Mbps
IEEE 802.11n
MCS0-7 (1x1)
IEEE 802.11ac
MCS0-9 (1x1)
Bluetooth:
Bluetooth 5.0 BR/EDR/BLE Smart Ready
SX-SDMAC SKU’s
General Specications
Driver Support
Ordering Information
Wi-Fi Reference Drivers:
- Linux
- AP Mode and STA Mode.
- WPA2/WPA, TKIP, AES Encryption, IEEE 802.1X, EAP
- IEEE 802.11e (QoS)
- WPS2.0
- Wi-Fi Direct
- Android
- Windows
- WEC 7 Driver, WEC2013, Win10/10 IoT
- FreeRTOS
B2B, Bulk Package (2 U.FL Connectors)
B2B, Sample Pack (2 U.FL Connectors)
SMT, Bulk Package (On Board Antenna)
SMT, Sample Pack (On Board Antenna)
SMT, Bulk Package (2 U.FL Connectors)
SMT, Sample Pack (2 U.FL Connectors)
SX-SDMAC-2831C R2:
SX-SDMAC-2831C R2 SP:
SX-SDMAC-2830S R2:
SX-SDMAC-2830S R2 SP:
SX-SDMAC-2831S R2:
SX-SDMAC-2831S R2 SP:
SX-SDCAC-2830 R2 SP:
QCA9377 Evaluation Module
(Includes antennas and cables)
SX-SDMAC
802.11a/b/g/n/ac Plus Bluetooth SDIO Module
silex technology is a registered trademark of silex technology, Inc. Other product or brand names may be registered trademarks or trademarks of their respective owners.
Technical information and specications are subject to change without notice. © 2020 silex technology, Inc. All rights reserved.
silex global sales & support locations
US O ce
silex technology america, Inc.
+1-801-748-1199
US toll free 866-765-8761
www.silexamerica.com
sales@silexamerica.com
Europe O ce
silex technology europe, GmbH
+49-2154-88967-0
Germany toll free 0800-7453938
www.silexeurope.com
sales@silexeurope.com
Corporate Headquarters
silex technology, Inc.
+81-774-98-3781
www.silex.jp
support@silex.jp
PN: 141-20135-100
REV E. 20200326
Pin Numbering and Connection Options
Connector Mount
Surface Mount
AES-CCMP 128/256,TKIP, WAPI Full Rate
India O ce
silex technology india, Pvt. Ltd.
+91-44-43033234
www.silex-india.com
support@silex-india.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com