Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2851 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2851
Description  Silicon NPN epitaxial planer type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2851 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2851 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2851 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2851 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SC2851
0
150
125
100
25
75
50
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
Ambient temperature Ta (˚C)
012
10
8
26
4
0
160
120
40
100
140
80
20
60
Ta=25˚C
3.5mA
3.0mA
2.5mA
2.0mA
1.5mA
1.0mA
0.5mA
I
B=4.0mA
Collector to emitter voltage V
CE
(V)
01.2
1.0
0.8
0.2
0.6
0.4
0
400
300
100
250
350
200
50
150
V
CE=13.5V
Ta=25˚C
Base to emitter voltage V
BE
(V)
PC — Ta
IC — VCE
IC — VBE
Input
50
Ω
47
Ω
20pF 30pF
30pF
30pF
25pF
15pF
15pF
L1
L2
30pF
RFC1
RFC2
1000pF
0.0025pF
Output
50
Ω
Circuit constants
L1: φ2mm silver plated copper wire, 0.5T, D = 15
L2: φ1.5mm silver plated copper wire, 2T, D = 15
RFC1:
φ1.0mm enameled, 15T, D = 7
RFC2:
φ1.5mm silver plated copper wire, 5T, D = 8
The high-frequency output measurement circuit at 175MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com