Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDW30 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SDW30
Description  Single, dual and triple output 30 Watt Wide input DC/DC converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SDW30 Datasheet(HTML) 2 Page - Artesyn Technologies

  SDW30 Datasheet HTML 1Page - Artesyn Technologies SDW30 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION (Typ.)
MODEL
VOLTAGE
VOLTAGE
CURRENT
CURRENT
EFFICIENCY
LINE
LOAD
NUMBER
10-36VDC
3.3V
5000mA
941mA
73%
±0.1%
±0.1%
SDW30-243V3
10-36VDC
5.0V
5000mA
1302mA
80%
±0.1%
±0.1%
SDW30-24S05
10-36VDC
12V
2500mA
1500mA
83%
±0.1%
±0.1%
SDW30-24S12
10-36VDC
15V
2000mA
1500mA
83%
±0.1%
±0.1%
SDW30-24S15
10-36VDC
±12V
±1250mA
1500mA
83%
±0.1%
±0.1%
SDW30-24D12
10-36VDC
±15V
±1000mA
1500mA
83%
±0.1%
±0.1%
SDW30-24D15
10-36VDC
5V/±12V
3000mA/±600mA
1490mA
82%
±1.0%
±4.0%
SDW30-24T05-12
10-36VDC
5V/±12V
3000mA/±500mA
1490mA
82%
±1.0%
±4.0%
SDW30-24T05-15
20-72VDC
3.3V
5000mA
470mA
73%
±0.1%
±0.1%
SDW30-48S3V3
20-72VDC
5.0V
5000mA
651mA
80%
±0.1%
±0.1%
SDW30-48S05
20-72VDC
12V
2500mA
750mA
83%
±0.1%
±0.1%
SDW30-48S12
20-72VDC
15V
2000mA
735mA
85%
±0.1%
±0.1%
SDW30-48S15
20-72VDC
±12V
±1250mA
750mA
83%
±0.1%
±0.1%
SDW30-48D12
20-72VDC
±15V
±1000mA
750mA
83%
±0.1%
±0.1%
SDW30-48D15
20-72VDC
5V/±12V
3000mA/±600mA
745mA
83%
±1.0%
±4.0%
SDW30-48T05-12
20-72VDC
5V/±15V
3000mA/±500mA
745mA
83%
±1.0%
±4.0%
SDW30-48T05-15
PIN CONNECTIONS
PIN NO.
SINGLE
DUAL
TRIPLE
1
+ Input
+ Input
+ Input
2
- Input
- Input
- Input
3
No Pin
No Connection
+ Output (V2)
4
No Connection
Common
Common
5
No Pin
- Output (V2)
- Output (V3)
6
+ Output
+ Output (V1)
+ Output (V1)
7
- Output
Common
Common
8
No Connection
Control
Control
Notes
1
Cross regulation:
Duals: output 1, full load, 2.0%; output 2, minimum load, 2.0%.
Triples: output 1, full load, 2.0%; output 2 vs. output 3, 0.5%;
Triples: outputs 2 and 3 vs. output 1, 7.0%.
2
TTL logic: on-state TTL high or open; off-state TTL low.
BOTTOM
VIEW
2.50
(63.50)
0.30
(7.60)
3.00
(76.20)
ALL DIMENSIONS IN INCHES (mm)
Tolerance :
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
43
7
65
2
18
0.40
(10.20)
1.44
(36.60)
2.56
(65.00)
0.60
(15.20)
0.26
(6.60)
0.30
(7.60)
0.20
(5.10)
0.70
(17.80)
0.40
(10.20)
Ø 0.04 Dia.
(1.00)
0.81
(20.60)
0.22
(5.50)
Pinout A (Single, Dual and Triple)
30 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
30W DC/DC
PAGE 2
http://www.artesyn.com
0W
0
°C20°C 40°C 60°C 80°C 100°C
-10
°C
95
°C
DERATING CURVE
Output Power (Watts)
70
°C
30W
Ambient Temperature (
°C)
Data Sheet © Artesyn Technologies, “REG. U.S. Pat. & Tm. Off”, 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com