Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL05E Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL05E
Description  0.75 Vin to 3.63 Vin Single output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL05E Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL05E Datasheet HTML 1Page - Artesyn Technologies SIL05E Datasheet HTML 2Page - Artesyn Technologies SIL05E Datasheet HTML 3Page - Artesyn Technologies SIL05E Datasheet HTML 4Page - Artesyn Technologies SIL05E Datasheet HTML 5Page - Artesyn Technologies SIL05E Datasheet HTML 6Page - Artesyn Technologies SIL05E Datasheet HTML 7Page - Artesyn Technologies SIL05E Datasheet HTML 8Page - Artesyn Technologies SIL05E Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SXA10 Series
| 15W DC/DC
SIL05E Series
| 5 A DC-DC Converter
E Class Non-Isolated
2
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - turn on
Vin (on)
2
2.70
3
V DC
Will regulate @ Vin >3V if Vout ≤
2.5V
Turn on delay - enabled,
Tdelay
20
msec
With the enable signal asserted,
then power applied
(power)
this is the time from when the
input voltage reaches the
minimum specified operating
voltage until the output voltage
is within the total regulation
band
Turn on delay - power
Tdelay
20
msec
Vin = Vin (nom), then enabled.
applied, then enabled
(enable)
This is the time taken until the
output voltage is within the total
error band
Rise time
Trise
15
msec
From 10% to 90%; full resistive
load, no external capacitance
Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any
other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
All specifications are typical at nominal input Vin = 5V, full load under any resistive load combination at 25˚C unless otherwise stated.
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - continuous
Vin (cont)
-0.3
5.5
V DC
Vin(+) - Vin(-)
Input voltage - peak/surge
Vsurge
-0.3
6
V DC
2s max, non-repetitive
Operating temperature
Top
-40
85
ºC
Measured at thermal reference
points, see Note 5 for thermal
de-rating
Storage temperature
Tstorage
-40
125
ºC
Output power (W3V3)
Pout (max)
0
18.15
W
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - operating
Vin (oper)
3
5
5.5
V DC
See Note 6
Input current - no load
lin
70
150
mA DC
Vin (min) - Vin (max), enabled
Input current - quiescent
lin (off)
2
mA DC
Converter disabled
Inrush current (i2t)
linrush
0.04
A2s
Complies with ETS300 132 Part 4.7,
with recommended LISN
Input ripple current
40
mA rms
Input fuse*
6
A
Slowblow/antisurge HRC
recommended
Absolute Maximum Ratings
Input Characteristics
Turn On/Off
*See Application Note 147 for manufacturer and part number
File Name: lf_sil05e_05.pdf Rev (01): 23 Mar 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com