Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT76CDC12VC0.45 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT76CDC12VC0.45
Description  Super light in weight. / Switching capacity up to 16A.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT76CDC12VC0.45 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT76CDC12VC0.45 Datasheet HTML 1Page - DB Lectro Inc NT76CDC12VC0.45 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz
double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 20
’)
IEC68-2-3Test Ca
Mass
10g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL
T
üV
Load
1A 16A/250VAC 1C 10A/250VAC
16A/250VAC;14VDC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
NT76
Dimensions
Wiring diagram
(Bottom views)
mm
>àçÇá
0.3
0.012
0.4
0.016
0.6
0.024
0.9
0.035
1.1
0.043
1.3
0.051
2.26
0.089
3.9
0.153
7.62
0.300
10.16
0.400
11.0
0.433
12.7
0.500
16.6
0.653
17.78
0.700
22.3
0.878
Mounting (Bottom views)
www.dblectro.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com