Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL494CD
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL494CD Datasheet HTML 3Page - Texas Instruments TL494CD Datasheet HTML 4Page - Texas Instruments TL494CD Datasheet HTML 5Page - Texas Instruments TL494CD Datasheet HTML 6Page - Texas Instruments TL494CD Datasheet HTML 7Page - Texas Instruments TL494CD Datasheet HTML 8Page - Texas Instruments TL494CD Datasheet HTML 9Page - Texas Instruments TL494CD Datasheet HTML 10Page - Texas Instruments TL494CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7.13 Typical Characteristics
Df = 1%
(1)
40
10
100
1 k
4 k
10 k
40 k
100 k
400 k
1 M
400
1 k
4 k
10 k
40 k
100 k
RT − Timing Resistance − Ω
0.1 F
µ
−2%
−1%
0%
0.01 F
µ
0.001 F
µ
VCC = 15 V
TA = 25 C
°
CT = 1 F
µ
Frequency variation (Δf) is the change in oscillator frequency
that occurs over the full temperature range.
Figure 7-1. Oscillator Frequency and Frequency
Variation vs Timing Resistance
10
0
100
20
1
10
100
1 M
30
f − Frequency − Hz
1 k
VCC = 15 V
ΔVO = 3 V
TA = 25 C
°
10 k
40
50
60
70
80
90
100 k
xxx xxx
Figure 7-2. Amplifier Voltage Amplification vs
Frequency
4
3
2
1
0
0
10
20
VI − Input Voltage − (mV)
Figure 7-3. Error Amplifier Transfer Characteristics
80
60
40
20
0
0
10k
1M
f − Frequency − (Hz)
100k
Figure 7-4. Error Amplifier Bode Plot
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com