Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IDRE4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL494IDRE4
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494IDRE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL494IDRE4 Datasheet HTML 9Page - Texas Instruments TL494IDRE4 Datasheet HTML 10Page - Texas Instruments TL494IDRE4 Datasheet HTML 11Page - Texas Instruments TL494IDRE4 Datasheet HTML 12Page - Texas Instruments TL494IDRE4 Datasheet HTML 13Page - Texas Instruments TL494IDRE4 Datasheet HTML 14Page - Texas Instruments TL494IDRE4 Datasheet HTML 15Page - Texas Instruments TL494IDRE4 Datasheet HTML 16Page - Texas Instruments TL494IDRE4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The following design example uses the TL494 to create a 5-V/10-A power supply. This application was taken
from application note SLVA001.
10.2 Typical Application
VREF
R1
1 kW
Load
Control
Osc
NTE331
140 mH
VO
NTE6013
NTE153
TL494
R2
4 kW
5-V
REF
R11
100 W
R12
30 W
R10
270 W
1
2
3
4
6
7
8
9
10
11
12
13
14
15
16
RF
51 kW
RT
50 kW
R5
510 W
R7
9.1 kW
R3
5.1 kW
R4
5.1 kW
R6
1 kW
C2
2.5 mF
5-V
REF
5-V
REF
R13
0.1 W
CT
0.001 F
m
5
R8
5.1 k
R9
5.1 k
Q2
Q1
+
−
+
−
32-V
Input
Figure 10-1. Switching and Control Sections
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com