Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494IDRG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL494IDRG4
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494IDRG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL494IDRG4 Datasheet HTML 10Page - Texas Instruments TL494IDRG4 Datasheet HTML 11Page - Texas Instruments TL494IDRG4 Datasheet HTML 12Page - Texas Instruments TL494IDRG4 Datasheet HTML 13Page - Texas Instruments TL494IDRG4 Datasheet HTML 14Page - Texas Instruments TL494IDRG4 Datasheet HTML 15Page - Texas Instruments TL494IDRG4 Datasheet HTML 16Page - Texas Instruments TL494IDRG4 Datasheet HTML 17Page - Texas Instruments TL494IDRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
10.2.1 Design Requirements
• VI = 32 V
• VO = 5 V
• IO = 10 A
• fOSC = 20-kHz switching frequency
• VR = 20-mV peak-to-peak (VRIPPLE)
• ΔIL = 1.5-A inductor current change
10.2.2 Detailed Design Procedure
10.2.2.1 Input Power Source
The 32-V dc power source for this supply uses a 120-V input, 24-V output transformer rated at 75 VA. The 24-V
secondary winding feeds a full-wave bridge rectifier, followed by a current-limiting resistor (0.3 Ω) and two filter
capacitors (see Figure 10-2).
120 V
PinName
PinName
Bridge Rectifiers
3 A, 50 V
24 V
3 A
0.3
Ÿ
20 mF
+
20 mF
Figure 10-2. Input Power Source
The output current and voltage are determined by Equation 6 and Equation 7:
RECTIFIER
SECONDARY
V
V
2
24 V
2
34 V
=
´
=
´
=
(6)
O
RECTIFIER(AVG)
O
I
V
5 V
I
I
10 A 1.6 A
V
32 V
»
´
»
´
=
(7)
The 3-A/50-V full-wave bridge rectifier meets these calculated conditions. Figure 10-1 shows the switching and
control sections.
10.2.2.2 Control Circuits
10.2.2.2.1 Oscillator
Connecting an external capacitor and resistor to pins 5 and 6 controls the TL494 oscillator frequency. The
oscillator is set to operate at 20 kHz, using the component values calculated by Equation 8 and Equation 9:
OSC
T
T
1
f
R
C
=
´
(8)
Choose CT = 0.001 μF and calculate RT:
R
T +
1
f
OSC
C
T
+
1
(20
103)
(0.001
10*6)
+ 50 kW
(9)
10.2.2.2.2 Error Amplifier
The error amplifier compares a sample of the 5-V output to the reference and adjusts the PWM to maintain a
constant output current (see Figure 10-3).
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com