Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT06C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SMT06C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT06C Datasheet(HTML) 1 Page - Artesyn Technologies

  SMT06C Datasheet HTML 1Page - Artesyn Technologies SMT06C Datasheet HTML 2Page - Artesyn Technologies SMT06C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
C Class Non-isolated
1
SMT06C Series
5 Vin and 12 Vin single output
NEW Product
File Name: smt06c.pdf Rev (03): 15 Dec 2005
2 YEAR WARRANTY
• 6 A current rating
• Input voltage range: 4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc to 3.3/5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >7 million hours
per Telcordia SR-332
• Available RoHS compliant
The SMT06C series is a new high density open-frame, non-isolated converter for space sensitive
applications. Each model has a wide input range (4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8 Vdc)
and offers a wide 0.9 Vdc to 5.0 Vdc output voltage range with a 6 A load. An external resistor
adjusts the output voltage from its pre-set value of 0.9 V to any value up to the 5 V maximum.
Typical efficiencies for the models are 89% for the 5 V input version and 91% for the 12 V input
version. The series offers remote ON/OFF and overcurrent protection as standard. With full
international safety approvals including EN60950 and Ul/cUL60950, the SMT06C reduces
compliance costs and time to market.
All specifications are typical at nominal input Vin = 12 V, full load at 25 °C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5 Vin
0.9-3.3 Vdc
(See Note 6)
12 Vin
0.9-5.0 Vdc
Output setpoint accuracy 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min/max load
0 A/6 A
Overshoot
5 Vin
3.0% max.
(at turn-on)
12 Vin
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 2)
See Table on page 2
5 Hz to 20 MHz
Transient response
75 mV max. deviation
(See Note 1)
150 µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5 Vin
4.5-5.5 Vdc
12 Vin
10.2-3.8 Vdc
Input current
Min load
50 mA
Remote OFF
5mA
Input current (max.)
5 Vin
5.1 A max. @ Io max.
(See Note 8)
12 Vin
1.6 A @ lo max.
Input reflected ripple
5 Vin
52 mA (pk-pk)
(See Note 2)
12 Vin
56 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Positive logic
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power-up
<20 ms
(See Note 3)
Remote ON/OFF
<20 ms
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
5 Vin
4.5 Vdc typ.
12 Vin
9.3 Vdc typ.
Turn OFF threshold
5 Vin
4.3 Vdc typ.
12 Vin
7.8 Vdc typ.
GENERAL SPECIFICATIONS
Efficiency
See Table on page 2
Switching frequency
Fixed
200 kHz
Approvals and
(See Note 4)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
9.3 g (0.3 oz)
Coplanarity
150 µm
MTBF
Telcordia SR-332
7,562,142 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 9)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 10) 270 µF/20 m
Ω ESR max.
Output capacitance
(See Note 10) 680 µF/10 m
Ω ESR max.


Similar Part No. - SMT06C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT06C-05SADJJ EMERSON-NETWORKPOWER-SMT06C-05SADJJ Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
logo
Artesyn Technologies
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
logo
Emerson Network Power
SMT06C-12SADJJ EMERSON-NETWORKPOWER-SMT06C-12SADJJ Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
More results

Similar Description - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com