Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMT20C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SMT20C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SMT20C Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT20C Datasheet HTML 1Page - Artesyn Technologies SMT20C Datasheet HTML 2Page - Artesyn Technologies SMT20C Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SMT20C Series
5 Vin and 12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
File Name: smt20c.pdf Rev (03): 15 Dec 2005
N
No
otte
es
s
1
Measured as per recommended set-up. 2 x Cin = 270 µF (20 m
Ω
ESR max, Cout = 680 µF (10 m
Ω ESR max).
2
di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max.
to 0.75 lo max. and 0.75 lo max. to 0.50 lo max. At 12 V, 0.9 Vout,
the max voltage deviation is 200 mV.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 169 for details.
5
Uses external resistor from trim pin to output ground. Min value =
485
Ω for 5 V model, 280 Ω for 12 V model. See Application Note
169 for details.
6
Signal line assumed <3 m in length.
7
This product is only for inclusion by professional installers within
other equipment and must not be operated as a stand alone
product.
8
Power-up is the time from application of dc input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power
good enabled.
9
See Application Note 169 for operation above 50 ºC.
10 See Application Note 169 for ripple current requirements.
11 These models have a wide trim output. 5 Vin has an output of
0.9 Vdc to 3.3 Vdc and 12 Vin has an output of 0.9 Vdc to 5 Vdc. An
external resistor adjusts the output voltage.
12 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for
details.
13 NOTICE: Some models do not support all options. Please contact
your local Artesyn representative or use the on-line model number
search tool at http://www.artesyn.com/powergroup/products.htm to
find a suitable alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
MAXIMUM
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
LOAD
LINE
LOAD
NUMBER
(12,13)
(MAX.)
(MIN.)
(MAX.)
(TYP.)
66 W
4.5-5.5 Vdc
N/A
0.9-3.3 V
0 A
20 A
87%
±0.2%
±1.3%
SMT20C-05SADJJ
100 W
10.2-13.8 Vdc
N/A
0.9-5.0 V
0 A
20 A
91%
±0.2%
±1.3%
SMT20C-12SADJJ
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. E139421
TÜV Product Service (EN60950:2000)
Certificate No. B 04 08 19870 228
CB report and certificate to US/6415C/UL
SMT20C-12SADJJ
Part Number System with Options
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
Packaging Options (12)
J = Pb-free (RoHS 6/6 compliant)
Rated Output Current
20 = 20 A
The ultra wide output voltage trim range offers major advantages to users who
select the SMT20C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT20C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T2
20
0C
C S
Se
erriie
es
s
R
Riip
pp
plle
e a
an
nd
d N
No
oiis
se
e S
Sp
pe
ec
ciiffiic
ca
attiio
on
n
Output
Model
Voltage
Pk - Pk
RMS
5 V input models 0.9 Vdc to 2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models 0.9 Vdc to 2.5 Vdc
40 mV
25 mV
3.3 Vdc to 5 Vdc
50 mV
25 mV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com