Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2030 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2030
Description  Three-Channel Analog Front-End Device
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2030 Datasheet HTML 13Page - Microchip Technology MCP2030 Datasheet HTML 14Page - Microchip Technology MCP2030 Datasheet HTML 15Page - Microchip Technology MCP2030 Datasheet HTML 16Page - Microchip Technology MCP2030 Datasheet HTML 17Page - Microchip Technology MCP2030 Datasheet HTML 18Page - Microchip Technology MCP2030 Datasheet HTML 19Page - Microchip Technology MCP2030 Datasheet HTML 20Page - Microchip Technology MCP2030 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
© 2005 Microchip Technology Inc.
DS21981A-page 17
MCP2030
FIGURE 2-22:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input Signal =
77%, Minimum Modulation Depth (MODMIN) Setting = 60%.
FIGURE 2-23:
Example of Minimum Modulation Depth Setting: Modulation Depth of Input
Signal = 56%, Minimum Modulation Depth (MODMIN) Setting = 60%.
Demodulated output
Input signal with 77%
modulation depth
Demodulated output
Input signal with 56%
modulation depth
Note:
There is no demodulated output since the modulation depth of the input signal is lower than the minimum
modulation depth setting. The device will have demodulated output if the Minimum Modulation Depth option
is set to 8%, 14%, or 33%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com