Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP270FZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP270FZ
Description  Dual Very Low Noise Precision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP270FZ Datasheet(HTML) 3 Page - Analog Devices

  OP270FZ Datasheet HTML 1Page - Analog Devices OP270FZ Datasheet HTML 2Page - Analog Devices OP270FZ Datasheet HTML 3Page - Analog Devices OP270FZ Datasheet HTML 4Page - Analog Devices OP270FZ Datasheet HTML 5Page - Analog Devices OP270FZ Datasheet HTML 6Page - Analog Devices OP270FZ Datasheet HTML 7Page - Analog Devices OP270FZ Datasheet HTML 8Page - Analog Devices OP270FZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. C
–3–
ELECTRICAL SPECIFICATIONS
SPECIFICATIONS
OP270
(Vs =
15 V, –40
∞C
£ TA £ 85 C, unless otherwise noted.)
OP270E
OP270F
OP270G
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX
MIN
TYP
MAX
MIN
TYP MAX
UNIT
Input Offset Voltage
VOS
25
150
45
275
100
400
mV
Average Input
Offset Voltage Drift
TCVOS
0.2
1
0.4
2
0.7
3
mV/∞C
Input Offset Current
IOS
VCM =0 V
1.5
30
5
40
15
50
nA
Input Bias Voltage
IB
VCM =0 V
6
60
15
70
19
80
nA
Large-Signal
VO =
±10 V
Voltage Gain
AVO
RL = 10 k
W
1000 1800
600
1400
400
1250
V/mV
RL =2 k
W
500
900
300
700
225
670
V/mV
Input Voltage Range
*
IVR
±12 ±12.5
±12 ±12.5
±12 ±12.5
V
Output Voltage Swing
VO
RL
≥ 2kW±12 ±13.5
±12 ±13.5
±12 ±13.5
V
Common-Mode
Rejection
CMR
VCM =
±11 V
100
120
94
115
90
100
dB
Power Supply
Rejection Ratio
PSRR
VS =
±4.5 V
0.7
5.6
1.8
10
2.0
1.5
mV/V
to
±18 V
Supply Current
ISY
No Load
4.4
7.2
4.4
7.2
4.4
7.2
mA
(All Amplifiers)
* Guaranteed by CMR test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com