Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT28C64 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28C64
Description  64K (8K x 8) CMOS E2PROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28C64 Datasheet HTML 1Page - ATMEL Corporation AT28C64 Datasheet HTML 2Page - ATMEL Corporation AT28C64 Datasheet HTML 3Page - ATMEL Corporation AT28C64 Datasheet HTML 4Page - ATMEL Corporation AT28C64 Datasheet HTML 5Page - ATMEL Corporation AT28C64 Datasheet HTML 6Page - ATMEL Corporation AT28C64 Datasheet HTML 7Page - ATMEL Corporation AT28C64 Datasheet HTML 8Page - ATMEL Corporation AT28C64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Device Operation
READ: The AT28C64 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in a high im-
pedance state whenever CE or OE is high. This dual line
control gives designers increased flexibility in preventing
bus contention.
BYTE WRITE: Writing data into the AT28C64 is similar to
writing into a Static RAM. A low pulse on the WE or CE
input with OE high and CE or WE low (respectively) initi-
ates a byte write. The address location is latched on the
falling edge of WE (or CE); the new data is latched on the
rising edge. Internally, the device performs a self-clear be-
fore write. Once a byte write has been started, it will auto-
matically time itself to completion. Once a programming
operation has been initiated and for the duration of tWC, a
read operation will effectively be a polling operation.
FAST BYTE WRITE: The AT28C64E offers a byte write
time of 200
µs maximum. This feature allows the entire
device to be rewritten in 1.6 seconds.
READY/BUSY: Pin 1 is an open drain READY/BUSY
output that can be used to detect the end of a write cycle.
RDY/BUSY is actively pulled low during the write cycle
and is released at the completion of the write. The open
drain connection allows for OR-tying of several devices to
the same RDY/BUSY line. Pin 1 is not connected for the
AT28C64X.
DATA POLLING: The AT28C64 provides DATA POLL-
ING to signal the completion of a write cycle. During a
write cycle, an attempted read of the data being written
results in the complement of that data for I/O7 (the other
outputs are indeterminate). When the write cycle is fin-
ished, true data appears on all outputs.
WRITE PROTECTION: Inadvertent writes to the device
are protected against in the following ways. (a) VCC
sense— if VCC is below 3.8V (typical) the write function is
inhibited. (b) VCC power on delay— once VCC has
reached 3.8V the device will automatically time out 5 ms
(typical) before allowing a byte write. (c) Write Inhibit—
holding any one of OE low, CE high or WE high inhibits
byte write cycles.
CHIP CLEAR: The contents of the entire memory of the
AT28C64 may be set to the high state by the CHIP CLEAR
operation. By setting CE low and OE to 12 volts, the chip
is cleared when a 10 msec low pulse is applied to WE.
DEVICE IDENTIFICATION: A n e x t r a 32 - b y t es of
E2PROM memory are available to the user for device
identification. By raising A9 to 12
± 0.5V and using ad-
dress locations 1FE0H to 1FFFH the additional bytes may
be written to or read from in the same manner as the regu-
lar memory array.
AT28C64/X
2-195



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com