Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83C22OK Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83C22OK
Description  Smart Card Interface Compliant with ISO 7816 and EMV 2000
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C22OK Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83C22OK Datasheet HTML 1Page - ATMEL Corporation AT83C22OK Datasheet HTML 2Page - ATMEL Corporation AT83C22OK Datasheet HTML 3Page - ATMEL Corporation AT83C22OK Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT83C22OK
4306AS–SCR–05/04
Description
Smart Cards are increasingly being used for Payments, Home-Banking, Access Control,
Internet Security, PKI-tokens, Healthcare, Loyalty, etc.
The CardMan Smart@Key chip set is a ready to use precertified smart card reader inter-
face to be implemented into keyboards. Being a one-chip solution containing firmware
functionality for both smartcard and keyboard support, it facilitates the hardware integra-
tors in reducing time-to-market and offers a unique opportunity to quickly and easily
implement smart card reader functionality into their systems. The already existing certifi-
cations and compliances guarantee a fast and easy certification process.
With its high performance Smart Card Interface CardMan Smart@Key supports Smart
Card technology of the future.
The integration in any USB keyboard can be easily done without any firmware or soft-
ware (driver) development, simply by embedding the CardMan Smart@Key design and
chipset into the target system. The USB CCID support makes this process the easiest
ever by connecting host and Smart Card Reader systems without the need of additional
vendor specific drivers.
Keyboard Matrix and USB descriptors can be easily adapted to the customer’s requests.
CardMan Smart@Key is based on Atmel’s AT83C5122 microcontroller. The above fea-
tures make the CardMan® Smart@Key the perfect answer to the increasing demands of
many applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com