Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6701SC Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SD6701SC
Description  NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6701SC Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SD6701SC Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6701SC Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Silan
Microelectronics
SD670XSC_Datasheet
NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH
CONSTANT CURRENT ACCURACY
DESCRIPTION
SD670XSC is designed for non-isolated LED driving with Buck structure,
high constant current accuracy and high linear/load regulation available
with assistant of special sense technology.
SD670XSC integrates various protections, such as output open/short
circuit protection, cycle-by-cycle current limit protection and over
temperature protection.
The start-up current and operating current are low and highlight LED can
be driven with high efficiency in full range (85VAC~265VAC).
SD670XSC integrates high voltage power MOSFET, reducing the system
cost and the whole volume.
FEATURES
Built-in 500V high voltage power MOSFET
Constant current with high accuracy for LED (<±3%)
Output open/short circuit protection
CS open/short circuit protection
VCC undervoltage protection
Over temperature protection
Cycle-by-cycle current protection
No auxiliary winding
SOP-7-225-1.27
APPLICATION
Bulb Lamp
T5/T8 LED Lamp
Various LED Lighting
ORDERING INFORMATION
Part No.
Package
Material
Packing
SD6701ASC
SOP-7-225-1.27
Halogen free
Tube
SD6701SC
SOP-7-225-1.27
Halogen free
Tube
SD6702SC
SOP-7-225-1.27
Halogen free
Tube
SD6701ASCTR
SOP-7-225-1.27
Halogen free
Tape&Reel
SD6701SCTR
SOP-7-225-1.27
Halogen free
Tape&Reel
SD6702SCTR
SOP-7-225-1.27
Halogen free
Tape&Reel
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 1 of 8


Similar Part No. - SD6701SC

ManufacturerPart #DatasheetDescription
logo
Tempo Communications, I...
SD6 TEMPOCOMMUNICATIONS-SD6 Datasheet
1Mb / 2P
FIBER OPTIC HAND TOOLS FOR EVERY TECHNICIAN
04/21
logo
A-Data Technology
SD600 A-DATA-SD600 Datasheet
695Kb / 2P
Sprint ahead with high performance
logo
International Rectifier
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
STANDARD RECOVERY DIODES Hockey Puk Version
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD6008 SHOUDING-SD6008 Datasheet
1Mb / 9P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - SD6701SC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL82A UTC-UL82A Datasheet
400Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98A UTC-UL98A Datasheet
172Kb / 6P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98B UTC-UL98B Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL98C UTC-UL98C Datasheet
173Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL82C UTC-UL82C Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Maxic Technology Corpor...
MT7724 MAXIC-MT7724 Datasheet
165Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7725XK MAXIC-MT7725XK Datasheet
199Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
MT7727XK MAXIC-MT7727XK Datasheet
206Kb / 1P
Non-isolated High Efficiency Buck Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com