Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6701ASCTR Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SD6701ASCTR
Description  NON-ISOLATED BUCK LED LIGHTING DRIVE IC WITH LOW POWER AND HIGH CONSTANT CURRENT ACCURACY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SD6701ASCTR Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SD6701ASCTR Datasheet HTML 1Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 2Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 3Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 4Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 5Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 6Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 7Page - Silan Microelectronics Joint-stock SD6701ASCTR Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Silan
Microelectronics
SD670XSC_Datasheet
Boundary-conduction mode
SD670XSC works in boundary-conduction mode with strong anti-interference and high conversion efficiency. Auxiliary
winding is unnecessary to detect zero-crossing current and the peripheral circuit is simple. Due to the
boundary-conduction mode, part of harmonic oscillation energy generated by external switch is transferred to VCC.
Current detection and LEB
With the cycle-by-cycle current limit function, internal switch M1 will be turned off if CS voltage exceeds 0.45V. System
still works and internal switch M1 is turned on in the next period. There is no LEB for current limit comparator.
CS voltage and COMP voltage are compared by COMP comparator, if CS voltage is higher than COMP, internal switch
M1 is off and system keeps work. During the instant of turning on internal switch M1, 0.6
μs LEB is used for avoiding
the error operation on internal switch M1.
CS open/short circuit protection
If CS is open, open circuit protection actives and the IC stops; if CS resistor is shorted, there is no limit for inductor
current, voltage on pin CS is zero, and the short-circuit status is judged by checking drain voltage during on of internal
OUT signal. If short-circuit protection actives, output is shutdown, VCC decreases and IC restarts.
Source driver
Source drive is adopted for this IC. Gate of M2 is connected to VCC through a resistor, Source is connected to Drain of
internal switch M1. When Gate of internal switch M1 is driven by IC, the IC current can be reduced because of the low
gate capacitance of M1, and hence no auxiliary winding is needed.
Output short/open circuit protection
There is no signal which reflects the output, the IC detects the discharge time for judging over voltage. The over
voltage protection threshold value is set through pin ROVP. Please refer to application note for details.
There is no signal which reflects the output, the IC detects the discharge time for judging over voltage.
When ROVP is connected to GND via resistor, the over voltage protection threshold value is set through resistance
adjustment;
when ROVP is shorted connected to GND, the over voltage protection threshold is set by the IC. Internal Tovp is set as
4.5 us, the over voltage protection actives if Toff<Tovp, please refer to application note for details. It is recommended to
connect ROVP to GND.
Internal temperature regulatory
The output current will be reduced if the IC temperature exceeds the certain value.
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev.:1.2
http: //www.silan.com.cn
Page 5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com