Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC73 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC73
Description  Dual J-K Flip-Flops with Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC73 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC73 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC73 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC73 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC73 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC73 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC73 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5072
January 1988
MM54HC73MM74HC73
Dual J-K Flip-Flops with Clear
General Description
These J-K Flip-Flops utilize advanced silicon-gate CMOS
technology They possess the high noise immunity and low
power dissipation of standard CMOS integrated circuits
These devices can drive 10 LS-TTL loads
These flip-flops are edge sensitive to the clock input and
change state on the negative going transition of the clock
pulse
Each one has independent
J
K
CLOCK
and
CLEAR inputs and Q and Q outputs CLEAR is independent
of the clock and accomplished by a low level on the input
The 54HC74HC logic family is functionally as well as pin-
out compatible with the standard 54LS74LS logic family
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 16 ns
Y
Wide operating voltage range 2 – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent current 40 mA (74HC Series)
Y
High output drive 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
Top View
TLF5072 – 1
Order Number MM54HC73 or MM74HC73
Truth Table
Inputs
Outputs
CLR
CLK
J
K
Q
Q
LX
X
X
L
H
H
v
L
L
Q0
Q0
H
v
HL
H
L
H
v
LH
L
H
H
v
H
H
TOGGLE
H
H
X
X
Q0
Q0
TLF5072 – 2
(1 of 2)
TLF5072 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MM54HC73

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC7266 NSC-MM54HC7266 Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC7266J NSC-MM54HC7266J Datasheet
92Kb / 4P
Quad 2-Input Exclusive NOR Gate
MM54HC74A NSC-MM54HC74A Datasheet
114Kb / 4P
Dual D Flip-Flop with Preset and Clear
MM54HC74J NSC-MM54HC74J Datasheet
114Kb / 4P
Dual D Flip-Flop with Preset and Clear
MM54HC75 NSC-MM54HC75 Datasheet
150Kb / 4P
4-Bit Bistable Latch with Q and Q Output
More results

Similar Description - MM54HC73

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54107 TI-SN54107 Datasheet
493Kb / 12P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74HC73 HITACHI-HD74HC73 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
HD74LS73A HITACHI-HD74LS73A Datasheet
66Kb / 6P
Dual J-K Flip-Flops(with Clear)
logo
Renesas Technology Corp
HD74LS73A RENESAS-HD74LS73A Datasheet
93Kb / 7P
Dual J-K Flip-Flops (with Clear)
HD74HC73 RENESAS-HD74HC73 Datasheet
107Kb / 8P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN74HC73D TI1-SN74HC73D Datasheet
123Kb / 4P
DUAL J-K FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC107 RENESAS-HD74HC107_15 Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
logo
Texas Instruments
SN5473 TI1-SN5473_15 Datasheet
872Kb / 17P
DUAL J-K FLIP-FLOPS WITH CLEAR
SN54107 TI1-SN54107_15 Datasheet
841Kb / 16P
DUAL J-K FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com