Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393D Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM393D
Description  Low Offset Voltage Dual Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM393D Datasheet(HTML) 4 Page - ON Semiconductor

  LM393D Datasheet HTML 1Page - ON Semiconductor LM393D Datasheet HTML 2Page - ON Semiconductor LM393D Datasheet HTML 3Page - ON Semiconductor LM393D Datasheet HTML 4Page - ON Semiconductor LM393D Datasheet HTML 5Page - ON Semiconductor LM393D Datasheet HTML 6Page - ON Semiconductor LM393D Datasheet HTML 7Page - ON Semiconductor LM393D Datasheet HTML 8Page - ON Semiconductor LM393D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LM393, LM293, LM2903, LM2903V, NCV2903
http://onsemi.com
4
LM293/393
LM2903
Figure 2. Input Bias Current versus
Power Supply Voltage
Figure 3. Input Bias Current versus
Power Supply Voltage
Figure 4. Output Saturation Voltage
versus Output Sink Current
Figure 5. Output Saturation Voltage
versus Output Sink Current
Figure 6. Power Supply Current versus
Power Supply Voltage
Figure 7. Power Supply Current versus
Power Supply Voltage
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
VCC, SUPPLY VOLTAGE (Vdc)
ISink, OUTPUT SINK CURRENT (mA)
ISink, OUTPUT SINK CURRENT (mA)
80
70
60
50
40
30
20
10
0
0
5.0
10
15
20
25
30
35
40
80
70
60
50
40
30
20
10
0
0
5.0
10
15
20
25
30
35
40
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
1.0
0.8
0.6
0.4
0.2
0
5.0
10
15
20
25
30
35
40
1.2
0.4
10
1.0
0.1
0.01
0.001
0.01
0.1
1.0
10
100
0
5.0
10
15
20
25
30
35
40
TA = 0° C
TA = +25° C
TA = +25° C
TA = +85° C
TA = −40° C
TA = +70° C
TA = +125°C
RL =
R
TA = 0° C
TA = +25° C
TA = +25° C
TA = 0° C
TA = +25° C
TA = −40° C
TA = −40° C
TA = 0° C
TA = +25° C
TA = +85° C
1.0
0.8
0.6
TA = +125°C
RL =
R
TA = −55° C
TA = +70° C
TA = +125°C
TA = −55° C
Out of
Saturation
TA = +85° C
Out of
Saturation
TA = −55° C
TA = 0° C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com