Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1996CMS Datasheet(PDF) 1 Page - Linear Technology

Part # LT1996CMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996CMS Datasheet(HTML) 1 Page - Linear Technology

  LT1996CMS Datasheet HTML 1Page - Linear Technology LT1996CMS Datasheet HTML 2Page - Linear Technology LT1996CMS Datasheet HTML 3Page - Linear Technology LT1996CMS Datasheet HTML 4Page - Linear Technology LT1996CMS Datasheet HTML 5Page - Linear Technology LT1996CMS Datasheet HTML 6Page - Linear Technology LT1996CMS Datasheet HTML 7Page - Linear Technology LT1996CMS Datasheet HTML 8Page - Linear Technology LT1996CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT1996
1
1996f
RESISTOR MATCHING (%)
0.04
1996 TA01b
– 0.02
0
0.02
40
35
30
25
20
15
10
5
0
– 0.04
LT1996A
G = 81
TYPICAL APPLICATIO
FEATURES
■ Pin Configurable as a Difference Amplifier,
Inverting and Noninverting Amplifier
■ Difference Amplifier
Gain Range 9 to 117
CMRR >80dB
■ Noninverting Amplifier
Gain Range 0.008 to 118
■ Inverting Amplifier
Gain Range –0.08 to –117
■ Gain Error: <0.05%
■ Gain Drift: < 3ppm/°C
■ Wide Supply Range: Single 2.7V to Split ±18V
■ Micropower Operation: 100µA Supply
■ Input Offset Voltage: 50µV (Max)
■ Gain Bandwidth Product: 560kHz
■ Rail-to-Rail Output
■ Space Saving 10-Lead MSOP and DFN Packages
Precision, 100µA
Gain Selectable Amplifier
The LT
®1996 combines a precision operational amplifier
with eight precision resistors to form a one-chip solution
for accurately amplifying voltages. Gains from –117 to
118 with a gain accuracy of 0.05% can be achieved without
any external components. The device is particularly well
suited for use as a difference amplifier, where the excellent
resistor matching results in a common mode rejection
ratio of greater than 80dB.
The amplifier features a 50µV maximum input offset
voltage and a gain bandwidth product of 560kHz. The
device operates from any supply voltage from 2.7V to 36V
and draws only 100µA supply current on a 5V supply. The
output swings to within 40mV of either supply rail.
The internal resistors have excellent matching character-
istics; variation is 0.05% over temperature with a guaran-
teed matching temperature coefficent of less than 3ppm/°C.
The resistors are also extremely stable over voltage,
exhibiting a nonlinearity of less than 10ppm.
The LT1996 is fully specified at 5V and ±15V supplies and
from –40°C to 85°C. The device is available in space
saving 10-lead MSOP and DFN packages. For an amplifier
with selectable gains from –13 to 14, see the LT1991 data
sheet.
DESCRIPTIO
APPLICATIO S
Rail-to-Rail Gain = 9 Difference Amplifier
Distribution of Resistor Matching
–
+
15V
–15V
∆VIN
VM(IN)
VP(IN)
–
+
VOUT = VREF + 9 • ∆VIN
SWING 40mV TO
EITHER RAIL
INPUT RANGE
±60V
RIN = 100kΩ
LT1996
1996 TA01
450k/81
450k/81
450k/27
450k/27
450k/9
450k
450k
450k/9
4pF
4pF
VREF
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Patents Pending.
■ Handheld Instrumentation
■ Medical Instrumentation
■ Strain Gauge Amplifiers
■ Differential to Single-Ended Conversion


Similar Part No. - LT1996CMS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT1996CMS AD-LT1996CMS Datasheet
343Kb / 24P
Precision, 100µA Gain Selectable Amplifier
More results

Similar Description - LT1996CMS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
Precision, 100UA Gain Selectable Amplifier
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com