Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR406 Datasheet(PDF) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # PCR406
Description  SCRs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

PCR406 Datasheet(HTML) 2 Page - HAOPIN MICROELECTRONICS CO.,LTD

  PCR406 Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD PCR406 Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD PCR406 Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD PCR406 Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Limiting values in accordance with the Maximum system(IEC 134)
2/4
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
PCR406
606
PCR406
606
SYMBOL
PARAMETER
CONDITIONS
MIN
Value
UNIT
SYMBOL
TEST
CONDITIONS
MIN
V
V
DRM
RRM
I
T(RMS)
Peak Repetitive Forward and
Reverse Blocking Voltage
Forwrd Current RMS
seeFigures1&2
All Conduction Angles
V
Ta=25
Ta=25
Ta=25
V
and V
RRM
DRM
Tj=25to125
,RGK=1K
I
GFM
Peak Gate Current-Forward
-
400
600
PCR406
PCR606
-
-
T =25 C unless otherwise stated
J
O
Static characteristics
I
GT
V
TM
V
GT
I
I
DRM
RRM
Gate trigger voltage
Continuous dc
Gate trigger current
Contionuous dc
Forward On Voltage
Peak Forward or Reverse
Blocking Current
Tc=25
,
Tc=125
,
UNIT
MAX
TYP
1.7
-
-
-
-
-
-
-
-
-
-
5/10
-
10
100
mA
A
Ta=25
,Anode
Voltage=7Vdc,RL=100Ohms
Anode voltage=7vdc,
RL=100Ohms
Anode voltage=Rated V
,
RL=100Ohms
DRM
TC=25
TC=-40
TC=125
ITM=1A Peak@TA=25
TC=25
/ TC=-40
-
-
0.1
-
-
-
-
0.8
1.2
-
200
-
V
V
V
V
A
A
A
A
0.8
1
0.415
I
TSM
It
2
Circuit Fusing Considerations
T
stg
T
j
P
GM
Peak Forward surge
Current,TA=25 C
0
Average gate Power-Forward
Peak gate power -Forward
Storage temperature Range
Operating junction temperature
range@rated
t=8.3ms
1/2Cycle,Sing Wave,60H
Z
A
A
-
-
-
-
-
0.1
-40
-40
W
W
As
2
10
-
0.01
125
125
I
H
IFGM
Holding current
Peak gate forward current
P
GF(AV)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com