Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCR606 Datasheet(PDF) 4 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # PCR606
Description  SCRs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

PCR606 Datasheet(HTML) 4 Page - HAOPIN MICROELECTRONICS CO.,LTD

  PCR606 Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD PCR606 Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD PCR606 Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD PCR606 Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
TM
HPM
SCRs
MECHANICAL DATA
Dimensions in mm
Net Mass:0.2 g
TO-92
PCR406
606
PCR406
606



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com