Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # RY
Description  2 POLES - 1 to 2A (for signal switching)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

RY Datasheet(HTML) 5 Page - fujitsu semiconductor

  RY Datasheet HTML 1Page - fujitsu semiconductor RY Datasheet HTML 2Page - fujitsu semiconductor RY Datasheet HTML 3Page - fujitsu semiconductor RY Datasheet HTML 4Page - fujitsu semiconductor RY Datasheet HTML 5Page - fujitsu semiconductor RY Datasheet HTML 6Page - fujitsu semiconductor RY Datasheet HTML 7Page - fujitsu semiconductor RY Datasheet HTML 8Page - fujitsu semiconductor RY Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FTR-K1 SERIES
RY SERIES
Type
Compliance
Contact rating
UL
UL 478, UL 508
E 45026
Flammability: UL 94-V0 (plastics)
[RY-W, RY-WZ]
0.5A, 120VAC (resistive)
1A, 24VDC (resistive)
0.3A, 60VDC (resistive)
2A, 30VDC, (resistive)
[RY-WF]
0,5A,120VAC (resistive)(UL)
0.25A, 120VAC (resistive)(CSA)
1A, 24VDC (resistive)
0.3A, 60VDC (resistive)
2A, 30VDC (resistive)
[RY-D]
0.3A, 120VAC (resistive)
0.2A, 60VDC (resistive)
[RY-WFZ]
0.5A, 125VAC (resistive)
2A, 30VDC (resistive)
0.6A, 110VDC (resistive)
CSA
C22.2 No. 14
LR 35579
n
SAFETY STANDARDS *
Coil
Code
Rated Coil
Voltage
(VDC)
Coil Resistance
+/- 10% (Ohm)
Must Operate
Voltage
(VDC) *
Must Release
Voltage
(VDC) *
Rated Power
(mW)
4.5
4.5
45
3
0.23
450
5
5
55
3.3
0.25
6
6
80
3.95
0.3
9
9
180
5.9
0.45
12
12
320
7.9
0.6
18
18
720
11.8
0.9
24
24
1,280
15.8
1.2
48
48
4,800
31.8
2.4
480
MBB type (RY-xxD-K)
Note: All values in the table are measured at 20°C and zero contact current.
* Specified values are measured with pulse wave voltage
* Note: for UL/CSA certified relays; UL/CSA marking, add -UL to the ordering partnumber



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com