Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFE252012P-2R2M Datasheet(PDF) 18 Page - Microchip Technology

Part # DFE252012P-2R2M
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DFE252012P-2R2M Datasheet(HTML) 18 Page - Microchip Technology

Back Button DFE252012P-2R2M Datasheet HTML 14Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 15Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 16Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 17Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 18Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 19Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 20Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 21Page - Microchip Technology DFE252012P-2R2M Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MCP16501
DS20006388A-page 18
 2020 Microchip Technology Inc.
4.3.4
PWRHLD, LPM, LEN AND POWER
STATES DEFINITIONS
PWRHLD and LPM define different power states which
are illustrated in Table 4-2. These are default definitions
for the MCP16501A. Other default definitions are possi-
ble for different or customized product variants.
The LDO operation is completely independent of the
power states and is controlled by the LEN pin. The only
exception to this is in the case of MCP16501D, used in
LPDDR2 applications where the LDO is used to power
the memory alongside Buck2. For more details on this
see Section 5.3, LPDDR2 Support with Hibernate
Mode-MCP16501D Only.
Other logic combinations of PWRHLD and LPM are for-
bidden. The initial state is the OFF state (shutdown).
The process by which the MCP16501 abandons the
OFF state and enters the other possible power states is
defined as the power-up sequence, which is described
in Section 4.4.1 “Typical Power-up Sequence and
Timing”. The following state diagram in Figure 4-2 illus-
trates the power states of MCP16501 and their typical
and/or permissible dynamic transitions.
FIGURE 4-2:
Finite State Machine (FSM) States Diagram for MCP16501.
TABLE 4-2:
DEFAULT POWER STATES DEFINITION (MCP16501A)
PWRHLD
LPM
Buck1
Buck2
Buck3
LDO
nRSTO
Power State
00
Off
Off
Off
LEN Controlled Low
Off
01
Off
On
Auto-PFM
Off
LEN Controlled Low
Hibernate
mode
11
On
Auto-PFM
On
Auto-PFM
On
Auto-PFM
LEN Controlled High-Z
Low-Power
mode
10
On
FPWM
On
FPWM
On
FPWM
LEN Controlled High-Z
Active mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com