Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LCX244 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74LCX244
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LCX244 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LCX244 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LCX244 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LCX244 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LCX244 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PS2098A 02/11/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74LCX244
3.3V 8-BIT BUFFER/LINE DRIVER
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input; all other inputs at Vcc or GND.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
Mp
y
T
)
2
(
.
x
a
Ms
t
i
n
U
VIH
e
g
a
t
l
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2—
—
V
VIL
e
g
a
t
l
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
W
O
L
c
i
g
o
L
d
e
e
t
n
a
r
a
u
G—
—
8
.
0
VOH
e
g
a
t
l
o
V
H
G
I
H
t
u
p
t
u
OVCC
6
.
3
-
7
.
2
=IOH
A
m
1
.
0
–
=VCC
2
.
0
-—
—
VCC
7
.
2
=IOH
A
m
2
1
–
=2
.
2—
—
VCC
0
.
3
=IOH
A
m
8
1
–
=4
.
2—
—
IOH
A
m
4
2
–
=2
.
2—
—
VOL
e
g
a
t
l
o
V
W
O
L
t
u
p
t
u
OVCC
6
.
3
-
7
.
2
=IOL
A
m
1
.
0
=—
—
2
.
0
VCC
7
.
2
=IOL
A
m
2
1
=—
—
4
.
0
VCC
0
.
3
=IOL
A
m
6
1
=—
—
4
.
0
IOL
A
m
4
2
=—
—
5
5
.
0
VIK
e
g
a
t
l
o
V
e
d
o
i
D
p
m
a
l
CVCC
,
.
n
i
M
=IIN
A
m
8
1
–
=—
− 7
.
0
− 2
.
1
II
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I0
≤ VI ≤
V
5
.
56
.
3
-
7
.
2
=
c
c
V—
—
5
±
A
µ
IOZ
e
g
a
k
a
e
L
t
u
p
t
u
O
e
t
a
t
S
-
i
r
T0
≤ VO ≤
V
5
.
5
VI
V
=
IH
V
r
o
IL
VCC
6
.
3
-
7
.
2
=—
—
5
±
IOFF
e
l
b
a
s
i
D
n
w
o
D
r
e
w
o
PVCC
,
V
0
=VIN
V
r
o
OUT
≤
V
5
.
5—
—
0
1
ICC
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
VCC
.
x
a
M
=VIN
V
r
o
D
N
G
=
CC
1
.
00
1
∆ICC
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
H
G
I
H
s
t
u
p
n
I
L
T
T
VCC
.
x
a
M
=VIN
V
=
CC
V
6
.
0
–
)
3
(

0
0
5
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
Ts
t
i
n
U
CIN
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IVCC
V
,
n
e
p
O
=
I
V
r
o
V
0
=
CC
7
F
p
COUT
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OVCC
V
,
V
3
.
3
=
I
V
r
o
V
0
=
CC
8
CPD
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PVCC
V
,
V
3
.
3
=
I
V
r
o
V
0
=
CC
,z
H
M
0
1
=
F5
2
Capacitance
DC Electrical Characteristics (Over the Operating Range, TA =
−40°C to +85°C, VCC = 2.7V to 3.6V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com