Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WDK2.5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WDK2.5
Description  he WDK two-tier modular terminals can feed two potentials in one terminal.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WDK2.5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button WDK2.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 9Page - List of Unclassifed Manufacturers WDK2.5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data sheet
 
W-Series
WDK 2.5
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Accessories
 
 
Creation date January 25, 2016 1:00:01 PM CET
 
Catalogue status 15.01.2015 / We reserve the right to make technical changes.
6
WAD
  Theversatileandextensiverangeofproducts-from0.05
mm² to 300 mm² - means that you have diverse options
for your applications at your disposal.
Hardened steel for mechanical strength and high-quality
tinned copper for optimum conductivity. All materials
comply with RoHS requirements and have been tested to
current environment guidelines.
General ordering data
Type
Order No.
GTIN (EAN)
Qty.
 
 
 
WAD 4 GE
BED
1072000000
4008190446109
50 pc(s).
 
 
 
WAD 4 WS 1072100000
4008190446116
50 pc(s).
 
 
 
 
SchT group marker carrier
  TheSchT5Sgrouptagcarriersareclippeddirectlyonto
the TS 32 mounting rail (G-rail) or the TS 35 mounting rail
(top-hat rail). It is therefore possible to label the terminal
strip irrespective of the terminal and the type of terminal.
SchT 5 and SchT 5 S are fitted with ESO 5, STR 5
protective strips.
The SchT 7 is a hinged group tag carrier for inlay tags
which enables easy access to the clamping screw.
The SchT 7 is fitted with ESO 7, STR 7 protective strips or
DEK 5.
SchT 9/4 and SchT 14/6 are hinged group tag carriers
for single dekafix and WS tags that enable easy access to
the clamping screw.
SchT 9/4 and SchT 14/6 are fitted with WS or DEK.
Inlay tags and protective strips can be found under
"Accessories".
General ordering data
Delivery status Available until
Type
Order No.
Version
GTIN (EAN)
Qty.
This article will
no longer be
available in the
future.
2015-07-31T00:00:00+02:00
SCHT 9/4
1278460000
SCHT, Terminal
marker, 32 x 4
mm, Pitch in mm
(P): 5.00 Beige
4008190086930
20
pc(s).
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com