| Electronic Components Datasheet Search |
|
L7809CV Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7809CV Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 47 page ![]() Electrical characteristics L7800 series 24/47 Table 21. Electrical characteristics of L7820C (refer to the test circuits, TJ = -55 to 150°C, VI = 28V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 19.2 20 20.8 V VO Output voltage IO = 5mA to 1A, PO ≤15W VI = 23 to 35V 19 20 21 V ∆VO(1) Line regulation VI = 22.5 to 35V, TJ = 25°C 400 mV VI = 26 to 32V, TJ = 25°C 200 ∆VO(1) Load regulation IO = 5 mA to 1.5A, TJ = 25°C 400 mV IO = 250 to 750mA, TJ = 25°C 200 Id Quiescent current TJ = 25°C 8 mA ∆Id Quiescent current change IO = 5mA to 1A 0.5 mA VI = 23 to 35V 1 ∆VO/∆T Output voltage drift IO = 5mA -1 mV/°C eN Output noise voltage B =10Hz to 100KHz, TJ = 25°C 150 µV/VO SVR Supply voltage rejection VI = 24 to 35V, f = 120Hz 52 dB Vd Dropout voltage IO = 1A, TJ = 25°C 2 V RO Output resistance f = 1 KHz 24 m Ω Isc Short circuit current VI = 35V, TJ = 25°C 0.18 A Iscp Short circuit peak current TJ = 25°C 2.1 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |